Electronic Components Datasheet Search
  English  ▼

X  

FDMA1032CZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDMA1032CZ
Description  20V Complementary PowerTrench MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMA1032CZ Datasheet(HTML) 2 Page - ON Semiconductor

  FDMA1032CZ Datasheet HTML 1Page - ON Semiconductor FDMA1032CZ Datasheet HTML 2Page - ON Semiconductor FDMA1032CZ Datasheet HTML 3Page - ON Semiconductor FDMA1032CZ Datasheet HTML 4Page - ON Semiconductor FDMA1032CZ Datasheet HTML 5Page - ON Semiconductor FDMA1032CZ Datasheet HTML 6Page - ON Semiconductor FDMA1032CZ Datasheet HTML 7Page - ON Semiconductor FDMA1032CZ Datasheet HTML 8Page - ON Semiconductor FDMA1032CZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FDMA1032CZ
20V Complementary PowerTrench MOSFET
General Description
This device is designed specifically as a single package
solution for a DC/DC 'Switching' MOSFET in cellular
handset
and
other
ultra-portable
applications.
It
features an independent N-Channel & P-Channel
MOSFET with low on-state resistance for minimum
conduction losses. The gate charge of each MOSFET
is also minimized to allow high frequency switching
directly from the controlling device. The MicroFET 2x2
package offers exceptional thermal performance for its
physical size and is well suited to switching applications.
Features
Q1: N-Channel
3.7 A, 20V.
RDS(ON) = 68 m
@ VGS = 4.5V
RDS(ON) = 86 m
@ VGS = 2.5V
Q2: P-Channel
–3.1 A, –20V. RDS(ON) = 95 m
@ VGS = –4.5V
RDS(ON) = 141 m
@ VGS = –2.5V
Low profile – 0.8 mm maximum – in the new package
MicroFET 2x2 mm
RoHS Compliant
3
2
1
4
5
6
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Q1
Q2
Units
VDS
Drain-Source Voltage
20
–20
V
VGS
Gate-Source Voltage
12
±12
V
Drain Current
– Continuous
(Note 1a)
3.7
–3.1
ID
– Pulsed
6
–6
A
Power Dissipation for Single Operation
(Note 1a)
1.4
PD
(Note 1b)
0.7
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
C
Thermal Characteristics
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
86 (Single Operation)
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
173 (Single Operation)
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1c)
69 (Dual Operation)
R JA
Thermal Resistance, Junction-to-Ambient
(Note 1d)
151 (Dual Operation)
C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
032
FDMA1032CZ
7’’
8mm
3000 units
MicroFET 2x2
PIN 1
S1 G1
D2
D1 G2 S2
D1
D2
S1
G1
D1
S2
G2
D2
Free from halogenated compounds and antimony
oxides
HBM ESD protection level > 2 kV (Note 3)
Publication Order Number:
FDMA1032CZ/D
20
10 Semiconductor Components Industries, LLC.
October-2017, Rev. 2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com