Electronic Components Datasheet Search
  English  ▼

X  

09185067921 Datasheet(PDF) 1 Page - HARTING Technology Group

Part # 09185067921
Description  SEK-18 SV MA STD ANG45 06P PL3
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARTING [HARTING Technology Group]
Direct Link  https://www.harting.com/US/en
Logo HARTING - HARTING Technology Group

09185067921 Datasheet(HTML) 1 Page - HARTING Technology Group

  09185067921 Datasheet HTML 1Page - HARTING Technology Group 09185067921 Datasheet HTML 2Page - HARTING Technology Group 09185067921 Datasheet HTML 3Page - HARTING Technology Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
09 18 506 7921
SEK-18 SV MA STD ANG45 06P PL3
SEK-18 SV MA STD ANG45 06P PL3
Image is for illustration purposes only. Please refer to product description.
Part number
09 18 506 7921
Specification
SEK-18 SV MA STD ANG45 06P PL3
HARTING eCatalogue
https://b2b.harting.com/09185067921
Identification
Category
Connectors
Series
SEK Standard
Element
Male connector
Description of the contact
Angled
Version
Termination method
Wave soldering termination
Connection type
PCB to cable
Number of contacts
6
Termination length
4.5 mm
Technical characteristics
Contact rows
2
Contact spacing (termination side)
2.54 mm
Rated current
1 A
Insulation resistance
>109 Ω
Contact resistance
≤20 mΩ
Limiting temperature
-55 ... +125 °C
Insertion and withdrawal force
≤18 N
Performance level
3
acc. to IEC 60603-13
Mating cycles
≥50
Test voltage Ur.m.s.
1 kV
Page 1 / 3 | Creation date 2021-08-27 | Please note that the data specified here were taken as extracts from the online catalogue. Please refer to
the user documentation for the complete and up-to-date information and data. Please also note that the user is responsible for validating functionality,
conformity with applicable laws and directives, as well as for the electrical safety in the particular application.
HARTING Electronics GmbH | Marienwerderstraße 3 | 32339 Espelkamp | Germany
Phone +49 5772 47-97200 | electronics@HARTING.com | www.HARTING.com


Similar Part No. - 09185067921

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09185067922 HARTING-09185067922 Datasheet
598Kb / 3P
SEK-18 SV MA STD STR45 06P PL3
09185067923 HARTING-09185067923 Datasheet
592Kb / 3P
SEK-18 SV MA STD ANG29 06P PL3
09185067924 HARTING-09185067924 Datasheet
598Kb / 3P
SEK-18 SV MA STD STR29 06P PL3
More results

Similar Description - 09185067921

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-18-506-7924 HARTING-09-18-506-7924 Datasheet
598Kb / 3P
SEK-18 SV MA STD STR29 06P PL3
09-18-506-7923 HARTING-09-18-506-7923 Datasheet
592Kb / 3P
SEK-18 SV MA STD ANG29 06P PL3
09-18-506-7922 HARTING-09-18-506-7922 Datasheet
598Kb / 3P
SEK-18 SV MA STD STR45 06P PL3
09-18-506-7911 HARTING-09-18-506-7911 Datasheet
611Kb / 3P
SEK-18 SV MA STD ANG45 RKZ 06P PL3
09-18-506-7321 HARTING-09-18-506-7321 Datasheet
588Kb / 3P
SEK-18 SV MA LP ANG45 06P PL3
09-18-506-6921 HARTING-09-18-506-6921 Datasheet
592Kb / 3P
SEK-18 SV MA STD ANG45 06P PL2
09-18-506-5921 HARTING-09-18-506-5921 Datasheet
592Kb / 3P
SEK-18 SV MA STD ANG45 06P PLS4
09-18-514-7921 HARTING-09-18-514-7921 Datasheet
592Kb / 3P
SEK-18 SV MA STD ANG45 14P PL3
09-18-516-7921 HARTING-09-18-516-7921 Datasheet
592Kb / 3P
SEK-18 SV MA STD ANG45 16P PL3
09-18-510-7921 HARTING-09-18-510-7921 Datasheet
592Kb / 3P
SEK-18 SV MA STD ANG45 10P PL3
2021-08-27
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com