Electronic Components Datasheet Search
  English  ▼

X  

MAX11270 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11270
Description  Fully Assembled and Tested
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11270 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11270 Datasheet HTML 1Page - Maxim Integrated Products MAX11270 Datasheet HTML 2Page - Maxim Integrated Products MAX11270 Datasheet HTML 3Page - Maxim Integrated Products MAX11270 Datasheet HTML 4Page - Maxim Integrated Products MAX11270 Datasheet HTML 5Page - Maxim Integrated Products MAX11270 Datasheet HTML 6Page - Maxim Integrated Products MAX11270 Datasheet HTML 7Page - Maxim Integrated Products MAX11270 Datasheet HTML 8Page - Maxim Integrated Products MAX11270 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX11270
MAX1127X Family Evaluation Kit
Table 1. ZedBoard Jumper Settings (Optional)
Table 2. MAX1127X EV Kit User Configuration Jumper Settings*
JUMPER
SHUNT
POSITION
DESCRIPTION
J18
1-2
VDDIO set for 3.3V
JP11
2-3
Boot from SD card
JP10
1-2
JP9
1-2
JP8
2-3
JP7
2-3
JP10
—
J12
—
SD card installed
J20
—
Connected to 12V wall adapter
SW8
Off
ZedBoard power switch, off while connecting boards
JUMPER
SHUNT
POSITION
DESCRIPTION
J2 (Red)
1-2
Connects the +10V rail to test point +10VEXT for external power (op amp + supply)
2-3*
Connects the +10V rail to LDO U2 (op amp + supply)
J3 (Red)
1-2
Connects the +15V rail to test point +15EXT for external power (powers U2)
2-3*
Connects the +15V rail to isolation transformer (powers U2)
J4 (Red)
1-2
Set ADC DVDD to +3.3V
2-3*
Set ADC DVDD to +2.0V
J5 (Red)
1-2*
Connect ADC AVSS to GND (unipolar mode – also set J8 for unipolar)
2-3
Connect ADC AVSS to -1.8V (bipolar mode – also set J8 for bipolar)
J6 (Black)
1-2
Apply an offset of ADC_REFP (2.5V default) to amplifier U24
2-3
Apply an offset of 2.5V to amplifier U24
Open*
No offset for amplifier U24
J7 (Black)
1-2
Apply an offset of ADC_REFP (2.5V default) to amplifier U27
2-3
Apply an offset of 2.5V to amplifier U27
Open*
No offset for amplifier U27
J8 (Red)
1-2
Connect ADC AVDD to +1.8V (bipolar mode)
2-3*
Connect ADC AVDD to 3.6V (unipolar mode)
J15 (Red)
1-2*
Connects ZedBoard +12V to main power supply (U3). Diode D2 protects supplies.
Open
Disconnects ZedBoard +12V from main power supply
J17 (Red)
1-2
Connects U5 input to GND
3-4
Connects U5 input to test point -15VEXT for external power
5-6*
Connects U5 input to isolation transformer
J18 (Red)
1-2
Do not connect
3-4
Do not connect
5-6
Connects U5 output to GND, which sets the reference for the -10V supply (op amp - supply)
J20 (Red)
1-2*
Connects on-board FTDI chip to 3.3V, necessary for standalone mode
Open
Disconnects on-board FTDI chip power. This jumper does not interfere with the ZedBoard.
J21 (Black)
1-2*
Drive ADC REFP pin with on-board voltage reference
2-3
Drive ADC REFP pin with external voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com