Electronic Components Datasheet Search
  English  ▼

X  

MAX11192 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11192
Description  Time Domain, Frequency Domain, and Histogram Plotting
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11192 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11192 Datasheet HTML 1Page - Maxim Integrated Products MAX11192 Datasheet HTML 2Page - Maxim Integrated Products MAX11192 Datasheet HTML 3Page - Maxim Integrated Products MAX11192 Datasheet HTML 4Page - Maxim Integrated Products MAX11192 Datasheet HTML 5Page - Maxim Integrated Products MAX11192 Datasheet HTML 6Page - Maxim Integrated Products MAX11192 Datasheet HTML 7Page - Maxim Integrated Products MAX11192 Datasheet HTML 8Page - Maxim Integrated Products MAX11192 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX11192
MAX11192 Evaluation Kit
Quick Start
Required Equipment
● MAX11192 EV kit (includes SD card with firmware)
● ZedBoard FPGA platform
(optional –
NOT INCLUDED with EV Kit)
● Function generator or an external resolver (optional)
● Windows XP, Windows 7 or Windows 8 PC with an
Ethernet port
Note: In the following section(s), software-related items
are identified by bolding. Text in
bold refers to items direct-
ly from the EV system software. Text in
bold and under-
line refers to items from the Windows operating system.
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Visit
www.maximintegrated.com/evkitsoftware to
download the latest version of the EV kit software,
MAX11192EVK.ZIP. Save the EV kit software to a
temporary folder and uncompress the ZIP file.
2) Install the EV kit software on your computer by run-
ning the MAX11192_EVKitSetupV1.0.exe program
inside the temporary folder. The program files are
copied to your PC and icons are created in the Win-
dows
Start | Programs menu.
3) Connect the Ethernet cable from the PC to the Zed-
Board and configure the Internet Protocol Version
4 (TCP/Ipv4) properties in the local area Connec-
tion to IP address 192.168.1.2 and subnet Mask to
255.255.255.0.
4) Verify that the ZedBoard SD card contains the Boot.
bin file for the MAX11192 EV Kit
5) Connect the EV Kit FMC connector to the ZedBoard
FMC connector. Gently press them together.
6) Verify that all jumpers are in their default positions for
the ZedBoard (Table 1) and EV kit board (Table 2).
7) Connect the 12V power supply to the ZedBoard.
Leave the Zedboard powered off.
8) Enable the ZedBoard power supply by sliding SW8
to ON and connect the +12V adapter to the EV kit.
9) Start the EV kit software by opening its icon in the
Start | Programs menu. The EV kit software ap-
pears as shown in Figure 1. From the
Device menu
select
FPGA. Verify that the lower left status bar
indicates the EV Kit hardware is
Connected. The
following configuration is used to verify functionality
of simultaneous sampling of the same signal from
signal generator applied to both channels.
10) Connect the positive terminal of the function genera-
tor to the AIN0D+ (TP1) test point on the EV kit. Con-
nect the negative terminal of the function generator
to the AIN0D- (TP2) test point on the EV kit.
11) Configure the signal source to generate a 100Hz,
1VP-P sinusoidal wave with +1V offset.
12) Turn on the function generator.
13) Click on the
Scope tab.
14) Check the
Remove DC Offset checkbox to remove
the DC component of the sampled data.
15) Click the
Capture button to start the data analysis.
16) The EV kit software appears as shown in Figure 1.
17) Verify the frequency is approximately 100Hz is dis-
played on the right. The scope image has buttons in
the upper right corner that allow zooming in to detail.
Table 1. ZedBoard Jumper Settings
JUMPER
SHUNT POSITION
DESCIPTION
J18
1-2
Select 3.3V for VADJ (OVDD)
3-4
Select 2.5V for VADJ (OVDD)
5-6
Select 1.8V for VADJ (OVDD)
JP11
JP10
JP9
JP8
JP7
JP10
2-3
1-2
1-2
2-3
2-3
Boot from SD card
J12
NA
SD card installed
J20
NA
Connected to 12V wall adapter
SW8
OFF
ZedBoard power switch, OFF while connecting boards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com