Electronic Components Datasheet Search
  English  ▼

X  

MAX11150 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11150
Description  High-Speed USB Connector, FMC Connector, and PMOD-Style Connector
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11150 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11150 Datasheet HTML 1Page - Maxim Integrated Products MAX11150 Datasheet HTML 2Page - Maxim Integrated Products MAX11150 Datasheet HTML 3Page - Maxim Integrated Products MAX11150 Datasheet HTML 4Page - Maxim Integrated Products MAX11150 Datasheet HTML 5Page - Maxim Integrated Products MAX11150 Datasheet HTML 6Page - Maxim Integrated Products MAX11150 Datasheet HTML 7Page - Maxim Integrated Products MAX11150 Datasheet HTML 8Page - Maxim Integrated Products MAX11150 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX11150/MAX11152/
MAX11158/MAX11160/MAX11161/MAX11162/
MAX11163/MAX11168/MAX11169
MAX1115X/MAX1116X Family
Evaluation Kit
Table 2. EV kit Jumper Settings†
JUMPER
JUMPER
POSITION
DESCRIPTION
J3 (Red)
OPEN*
Set output of U5 to 3.3V
1-2
Set output of U5 to 2.5V
J4 (Red)
1-2
Power U23 with 12V for 5V FPGA power (Do not populate 1-2 and 3-4 at same time)
3-4*
Power U23 with 20V for 5V FPGA power (Do not populate 1-2 and 3-4 at same time)
J5 (Black)
1-2*
Connect BIN0- to AGND
3-4
Connect BIN0+ to AGND
J6 (Black)
1-2*
Connect BIN2- to AGND
3-4
Connect BIN2+ to AGND
J7 (Black)
1-2*
Connect BIN3- to AGND
3-4
Connect BIN3+ to AGND
J8 (Red)
1-2
Power U20 with +12V from FPGA
3-4*
Power U20 with 5V from USB
J9 (Black)
1-2*
Connect BIN1- to AGND
3-4
Connect BIN1+ to AGND
J10 (Black)
1-2
Connects output of U27 (BIN0) to inverting input of U28
3-4*
Connects BIN1- to inverting input of U28
5-6*
Connects output of U27 (BIN0) to noninverting input of U28
7-8
Connects BIN1+ to noninverting input of U28
J11 (Black)
1-2
Connects output of U26A (BIN2) to inverting input of U26B
3-4*
Connects BIN3- to inverting input of U26B
5-6*
Connects output of U26A (BIN2) to noninverting input of U28
7-8
Connects BIN3+ to noninverting input of U28
J12 (Black)
OPEN
Disable on-board power supplies
1-2*
Enable on-board power supplies
J13 (Black)
OPEN*
User connect external reference to TP12 – ADC_EXT_REF (If the target device has an internal
reference J13 should be left open)
1-2
MAX6070 is VREF source
2-3**
MAX6126 is VREF source
J14 (Red)
OPEN
Disable +3V3_USB power for FTDI chip
1-2*
Enable +3V3_USB power for FTDI chip
J15 (Red)
1-2
Power U2 from EXTERNAL +18V source
3-4*
Power U2 from T1 +18V output
J16 (Red)
1-2
Power U3 from EXTERNAL -18V source
3-4*
Power U3 from T2 -18V output
J17 (Red)
1-2
Use external +10V applied at TP9
3-4*
Use U2 output for +10V, 100mA supply
J19 (Black)
1-2*
Connect U10 SDI to DVDD (CS mode)
3-4
Connect U10 SDI to U14 SDO (daisy-chain mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com