Electronic Components Datasheet Search
  English  ▼

X  

MAX11040DB Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11040DB
Description  MAX11040 Evaluation Kit/Daughterboard
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11040DB Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11040DB Datasheet HTML 1Page - Maxim Integrated Products MAX11040DB Datasheet HTML 2Page - Maxim Integrated Products MAX11040DB Datasheet HTML 3Page - Maxim Integrated Products MAX11040DB Datasheet HTML 4Page - Maxim Integrated Products MAX11040DB Datasheet HTML 5Page - Maxim Integrated Products MAX11040DB Datasheet HTML 6Page - Maxim Integrated Products MAX11040DB Datasheet HTML 7Page - Maxim Integrated Products MAX11040DB Datasheet HTML 8Page - Maxim Integrated Products MAX11040DB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
MAX11040 Evaluation Kit/Daughterboard
_______________________________________________________________________________________
3
Component Lists (continued)
MAX11040 Daughterboard
DESIGNATION
QTY
DESCRIPTION
AIN0-, AIN0+,
AIN1-, AIN1+
4
75
Ω, 4-pin BNC female jack
receptacles, 0.250in spacing
(top mount)
AVDD, AGND,
DVDD, DGND
4Uninsulated banana jacks
C1, C2, C4, C5, C10,
C11, C13, C14
8
10pF ±5%, 50V C0G ceramic
capacitors (0603)
TDK C1608C0G1H100J
C3, C6, C7, C8, C12,
C15, C16, C18
8
1µF ±10%, 10V X7R ceramic
capacitors (0603)
TDK C1608X7R1A105K
C9, C17, C19
3
0.01µF ±10%, 25V X7R
ceramic capacitors (0603)
Murata GRM188R71E103K
C20, C21
2
18pF ±5%, 50V C0G ceramic
capacitors (0603)
TDK C1608C0G1H180J
C22–C29
0
Not installed, capacitors (0603)
D1, D3
2
Yellow LEDs (0603)
D2, D4
2
Red LEDs (0603)
J1
1
Dual-row, 14-pin right-angle
female connector (2 x 7)
J2
1
Dual-row, 14-pin right-angle
male connector (2 x 7)
DESIGNATION
QTY
DESCRIPTION
J3
1
Dual-row, 20-pin header (2 x 10)
J4–J7
4
4-position terminal blocks
JU1, JU2, JU5,
JU6, JU7
5
2-pin headers
JU3, JU4, JU11
3
3-pin headers
R1–R4
4
330
Ω ±5% resistors (0603)
(use lead-free parts only)
R5
1
2.2k
Ω ±5% resistor (0603)
(use lead-free parts only)
R6, R8
0
Not installed, resistors (0603)
R7
1
0
Ω ±5% resistor (0603)
(use lead-free parts only)
S1
1
Pushbutton switch
U1
1
4-channel ADC (38 TSSOP)
Maxim MAX11040GUU+
U2
1
D-flip flop
Y1
1
24.576MHz crystal, 18pF load
—
8
Shunts (JU1–JU5)
—1
PCB: MAX11040DB
EVALUATION KIT+
SUPPLIER
PHONE
WEBSITE
Diodes, Inc.
805-446-4800 www.diodes.com
Murata Electronics
North America, Inc.
770-436-1300 www.murata-northamerica.com
Panasonic Corp.
800-344-2112 www.panasonic.com
TDK Corp.
847-803-6100 www.component.tdk.com
Component Suppliers
Note: Indicate that you are using the MAX11040 when
contacting these component suppliers.
FILE
DESCRIPTION
INSTALL.EXE
Installs the EV kit files on your computer
MAX11040.EXE
Application program
LIBUSB.INF
USB device driver file
UNINST.INI
Uninstalls the EV kit software
MAX11040 EV Kit Files



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com