Electronic Components Datasheet Search
  English  ▼

X  

MAX9922 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9922
Description  Fully Assembled and Tested
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9922 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9922 Datasheet HTML 1Page - Maxim Integrated Products MAX9922 Datasheet HTML 2Page - Maxim Integrated Products MAX9922 Datasheet HTML 3Page - Maxim Integrated Products MAX9922 Datasheet HTML 4Page - Maxim Integrated Products MAX9922 Datasheet HTML 5Page - Maxim Integrated Products MAX9922 Datasheet HTML 6Page - Maxim Integrated Products MAX9922 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Quick Start
Recommended Equipment
•
12V, 100mA power supply (VSOURCE)
•
3.3V power supply (VDD)
•
Electronic load capable of sinking 100mA
•
Digital voltmeter (DVM)
Procedure
The MAX9922 EV kit is fully assembled and tested.
Follow the steps below to verify board operation.
Caution: Do not turn on power supplies until all con-
nections are completed.
1) Verify that all jumpers (JU1, JU2, and JU3) are in their
default positions, as shown in Tables 1, 2, and 3.
2) Set the input power supply to 12V. Connect the
ground of the power supply to the PGND pad, and
connect the positive terminal to the VSOURCE pad.
3) Set the VDD power supply to 3.3V. Connect the
ground of the VDD supply to the GND pad and
connect the positive terminal to the VDD pad.
4) Set the electronic load to sink 100mA.
5) Connect the load’s ground to the GND pad.
Connect the electronic load’s positive terminal to
the LOAD pad.
6) Connect the DVM across the VOUT pad and the
GND pad.
7) Turn on the 3.3V power supply.
8) Turn on the 12V power supply.
9) Adjust the electronic load current (ISENSE) between
0A and 100mA and verify that VOUT is proportional
to VSENSE according to the following equation:
where RSENSE = R1 and VREF = VDD/2.
Detailed Description of Hardware
The MAX9922 EV kit is a current-sense amplifier that
measures the load current and provides an analog volt-
age output. The EV kit comes assembled with the
MAX9922 IC, which allows adjustable gain with a pair
of external resistors (R2 and R3) between OUT, FB, and
REF. The EV kit is configured for bidirectional current
sensing. The output voltage (VOUT) is given by the fol-
lowing equation:
where RSENSE = 0.1Ω, ISENSE = load current, and VREF =
VDD/2. For unidirectional operation, the output voltage
(VOUT) is given by the following equation:
Shutdown Input Control
The MAX9922 EV kit features 2-pin jumper JU1 to con-
trol the logic shutdown input. For normal operation,
remove the shunt from jumper JU1 to drive
SHDN high.
To place the device in shutdown mode, drive
SHDN low
by placing a shunt across the JU1 pins. Table 1 sum-
marizes jumper JU1’s function.
VR
R
R
I
OUT
SENSE
SENSE
=×
+
⎛
⎝⎜
⎞
⎠⎟
×
1
2
3
VR
R
R
IV
OUT
SENSE
SENSE
REF
=×
+
⎛
⎝⎜
⎞
⎠⎟
×+
1
2
3
VR
R
R
IV
OUT
SENSE
SENSE
REF
=×
+
⎛
⎝⎜
⎞
⎠⎟
×+
1
2
3
MAX9922 Evaluation Kit
2
_______________________________________________________________________________________
SUPPLIER
PHONE
WEBSITE
IRC, Inc.
361-992-7900
www.irctt.com
Keystone Electronics Corp.
209-796-2032
www.keyelco.com
Murata Electronics North America, Inc.
770-436-1300
www.murata-northamerica.com
TDK Corp.
847-803-6100
www.component.tdk.com
Component Suppliers
Note: Indicate that you are using the MAX9922 when contacting these component suppliers.
Table 1. Jumper JU1 Function (
SHDN)
SHUNT
POSITION
SHDN PIN
MODE
Installed
Connected to GND
Shutdown mode
Not installed*
Connected to VDD
through pullup resistor R4
Normal operation
*
Default position.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com