Electronic Components Datasheet Search
  English  ▼

X  

MAX9921 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9921
Description  Proven PCB Layout
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9921 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9921 Datasheet HTML 1Page - Maxim Integrated Products MAX9921 Datasheet HTML 2Page - Maxim Integrated Products MAX9921 Datasheet HTML 3Page - Maxim Integrated Products MAX9921 Datasheet HTML 4Page - Maxim Integrated Products MAX9921 Datasheet HTML 5Page - Maxim Integrated Products MAX9921 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The MAX9921 evaluation kit (EV kit) is a fully assembled
and tested PCB that demonstrates the capabilities of
the MAX9921 dual 2-wire Hall-effect sensor interface
with diagnostics capability. The EV kit comes with the
MAX9921AUB+ installed.
Features
♦ 6V to 18V Operating Voltage Range, Survives 60V
♦ Two 2-Wire Hall-Effect Sensors on the Board
♦ Three Output Status LED Indicators
♦ Proven PCB Layout
♦ Fully Assembled and Tested
MAX9921 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-4165; Rev 0; 6/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
Component Suppliers
DESIGNATION
QTY
DESCRIPTION
C1, C3
2
0.01µF
±10%, 100V X7R ceramic
capacitors (0603)
TDK C1608X7R2A103K
C2, C4
0
Not installed, capacitors
C5, C6, C7
3
0.1µF
±10%, 100V X7R ceramic
capacitors (0805)
TDK C2012X7R2A104K
C8
1
1µF
±10%, 25V X5R ceramic
capacitor (0805)
TDK C2012X5R1E105K
C9
1
2.2µF
±10%, 100V X5R ceramic
capacitor (1812)
TDK C4532X7R2A225K
D1
1
100V, 200mA diode (SOD123)
Central CMHD4448
D2, D3
2
Green LEDs (0603)
D4
1
Red LED (0603)
J1
0
Not installed
Component List
DESIGNATION
QTY
DESCRIPTION
JU1, JU2
2
5-pin, 4-way headers
JU3–JU7
5
2-pin headers
R1
1
63.4k
Ω ±1% resistor (0603)
R2–R5
4
100k
Ω ±5% resistors (0603)
R6, R7, R8
3
240
Ω ±5% resistors (0603)
S1, S2
2
Hall-effect switches
Allegro A1140EUA
S3, S4
0
Not installed, switches
U1
1
Automotive Hall-effect interface
(10 µMAX®)
Maxim MAX9921AUB+
U2
1
Automotive micropower linear
regulator (6 TDFN)
Maxim MAX6765TTLD2+
U3
1
Triple-buffer gate (8 TSSOP)
—
7
Shunts
—
1
PCB: MAX9921 Evaluation Kit+
SUPPLIER
PHONE
WEBSITE
Central Semiconductor Corp.
631-435-1110
www.centralsemi.com
TDK Corp.
847-803-6100
www.component.tdk.com
PART
TYPE
MAX9921EVKIT+
EV Kit
+
Denotes lead-free and RoHS compliant.
µMAX is a registered trademark of Maxim Integrated Products, Inc.
Note: Indicate that you are using the MAX9921 when contacting these component suppliers.


Similar Part No. - MAX9921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9921 MAXIM-MAX9921 Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
logo
Analog Devices
MAX9921 AD-MAX9921 Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1 1/10
logo
Maxim Integrated Produc...
MAX9921AUB+T MAXIM-MAX9921AUB+T Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
logo
Analog Devices
MAX9921AUB+T AD-MAX9921AUB+T Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1 1/10
logo
Maxim Integrated Produc...
MAX9921AUB/V+T MAXIM-MAX9921AUB/V+T Datasheet
745Kb / 16P
Dual, 2-Wire Hall-Effect Sensor Interface with Diagnostics
Rev 1; 1/10
More results

Similar Description - MAX9921

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44211EVKIT MAXIM-MAX44211EVKIT Datasheet
936Kb / 10P
Proven PCB Layout
Rev 0; 6/15
MAX2181EVKIT MAXIM-MAX2181EVKIT Datasheet
523Kb / 7P
Proven PCB Layout
Rev 0; 12/13
MAX9947EVKIT MAXIM-MAX9947EVKIT Datasheet
662Kb / 7P
Proven PCB Layout
Rev 0; 1/10
MAX17112EVKIT MAXIM-MAX17112EVKIT Datasheet
93Kb / 4P
Proven PCB Layout
Rev 0; 1/09
MAX9660EVKIT MAXIM-MAX9660EVKIT Datasheet
345Kb / 11P
Proven PCB Layout
Rev 0; 3/09
MAX9634EVKIT MAXIM-MAX9634EVKIT Datasheet
1Mb / 4P
Proven PCB Layout
Rev 0; 3/10
MAX11105EVKIT MAXIM-MAX11105EVKIT Datasheet
3Mb / 39P
Proven PCB Layout
Rev 0; 12/10
MAX9940EVKIT MAXIM-MAX9940EVKIT Datasheet
199Kb / 5P
Proven PCB Layout
Rev 0; 3/09
MAX14690EVKIT MAXIM-MAX14690EVKIT Datasheet
651Kb / 7P
Proven PCB Layout
Rev 0; 12/16
MAX14566EEVKIT MAXIM-MAX14566EEVKIT Datasheet
1Mb / 10P
Proven PCB Layout
Rev 0; 4/11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com