Electronic Components Datasheet Search
  English  ▼

X  

MAX9850EVCMOD2 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9850EVCMOD2
Description  On-Board 12MHz Crystal Oscillator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9850EVCMOD2 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9850EVCMOD2 Datasheet HTML 1Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 2Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 3Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 4Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 5Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 6Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 7Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 8Page - Maxim Integrated Products MAX9850EVCMOD2 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
General Description
The MAX9850 evaluation system (EV system) consists
of a MAX9850 evaluation kit (EV kit), a companion
Maxim command module (CMOD232) interface board,
and software.
The MAX9850 EV kit is a fully assembled and tested
surface-mount printed circuit board (PCB) that evalu-
ates the MAX9850 headphone stereo DAC with inte-
grated headphone driver. The EV kit is designed to be
driven by any digital audio Sony/Philips Digital Interface
(S/PDIF) audio source and can be optionally configured
to accept generic digital audio or I2S-compatible sig-
nals. The EV kit provides RCA jacks for connecting ana-
log input signals. A 3.5mm headphone jack allows for
easy connection of headphones to the PCB.
The Maxim command module interface board
(CMOD232) allows a PC to use its serial port to emulate
an I2C 2-wire interface. Windows® 98/2000/XP-compati-
ble software, which can be downloaded from the
Maxim website, provides a user-friendly interface to
exercise the features of the MAX9850. The program is
menu driven and offers a graphical user interface (GUI)
with control buttons and a status display.
The MAX9850 EV system (MAX9850EVCMOD2#)
includes both the EV kit and the CMOD232 interface
board. Order the MAX9850 EV kit (MAX9850EVKIT#) if
you already have a command module interface.
Features
♦ 1.8V to 3.6V Single-Supply Operation
♦ I2C-Compatible 2-Wire Serial Interface
♦ Selectable Optical/Electrical S/PDIF Input
♦ On-Board 12MHz Crystal Oscillator
♦ On-Board Digital Audio Receiver
♦ No Detectable Clicks or Pops
♦ Easy-to-Use Menu-Driven Software
♦ Assembled and Tested
♦ Includes Windows 98/2000/XP-Compatible
Software and Demo PCB
MAX9850 Evaluation System/Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
DESIGNATION
QTY
DESCRIPTION
C5–C8
4
10μF ±20%, 6.3V X5R ceramic
capacitors (0805)
TDK C2012X5R0J106M
C9–C12, C15–
C23, C30, C31,
C37, C43
17
1.0μF ±20%, 6.3V X5R ceramic
capacitors (0402)
TDK C1005X5R0J105M
C13
1
2.2μF ±20%, 6.3V X5R ceramic
capacitor (0603)
TDK C1608X5R0J225M
C14
1
0.47μF ±20%, 16V X7R ceramic
capacitor (0603)
TDK C1608X7R1C474M
C24–C29, C35,
C44, C45
9
0.1μF ±20%, 10V X5R ceramic
capacitors (0402)
TDK C1005X5R1A104M
PART
QTY
DESCRIPTION
MAX9850EVKIT#
1
MAX9850 EV kit
CMOD232+
1
SMBus/I2C interface board
AC Adapter
1
9VDC at 200mA
(powers the CMOD232 board)
Component Lists
Ordering Information
19-3423; Rev 3; 3/09
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP
RANGE
IC
PACKAGE
I2C
INTERFACE
TYPE
MAX9850EVKIT#
0°C to +70°C 28 TQFN
Not included
MAX9850EVCMOD2# 0°C to +70°C 28 TQFN
CMOD232
Windows is a registered trademark of Microsoft Corp.
Note: The CMOD232 board is required to interface the EV kit to
the computer when using the software.
MAX9850 EV System
DESIGNATION
QTY
DESCRIPTION
C1, C2
2
220μF ±20%, 6.3V tantalum
capacitors (C-case)
AVX TPSC227M006R0070 or
AVX TPSC227M006R0100
C3, C4
0
Not installed, capacitors (C-case)
MAX9850 EV Kit
#
Denotes RoHS compliant.
+
Denotes lead-free and RoHS compliant.
MAX9850 EV Kit (continued)
#
Denotes RoHS compliant.


Similar Part No. - MAX9850EVCMOD2

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9850ETI MAXIM-MAX9850ETI Datasheet
956Kb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850ETI+ MAXIM-MAX9850ETI+ Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
logo
Analog Devices
MAX9850ETI+ AD-MAX9850ETI+ Datasheet
3Mb / 36P
Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 4 8/19
More results

Similar Description - MAX9850EVCMOD2

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TZ0142A TAI-SAW-TZ0142A Datasheet
298Kb / 4P
HC49US 12MHz Crystal Unit
REV. NO.: 2.0
TZ0143A TAI-SAW-TZ0143A Datasheet
171Kb / 2P
HC49US-SMD 12MHz Crystal Resonator
REV. NO.: 1
TZ0144A TAI-SAW-TZ0144A Datasheet
155Kb / 3P
SMD7x5 12MHz Crystal Resonator
REV. NO.: 3.0
TZ1293E TAI-SAW-TZ1293E Datasheet
367Kb / 7P
Crystal Unit SMD 5.0x3.2 12MHz
REV. NO.: 1
TZ1390A TAI-SAW-TZ1390A Datasheet
323Kb / 4P
HC49SMD 12MHz Crystal Unit
REV. NO.: 1.0
TZ1631A TAI-SAW-TZ1631A Datasheet
300Kb / 5P
HC49SMD 12MHz Crystal Unit
REV. NO.: 3.0
TZ1733A TAI-SAW-TZ1733A Datasheet
299Kb / 4P
HC49US 12MHz Crystal Unit
REV. NO.: 1.0
TZ2321A TAI-SAW-TZ2321A Datasheet
365Kb / 7P
Crystal Unit SMD 5.0x3.2 12MHz
REV. NO.: 1
TZ2436A TAI-SAW-TZ2436A Datasheet
320Kb / 5P
HC49US 12MHz Crystal Unit
REV. NO.: 1.0
TZ2508A TAI-SAW-TZ2508A Datasheet
319Kb / 5P
HC49US 12MHz Crystal Unit
REV. NO.: 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com