Electronic Components Datasheet Search
  English  ▼

X  

TQL9047 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # TQL9047
Description  High Linearity Gain Block
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TQL9047 Datasheet(HTML) 3 Page - Qorvo, Inc

  TQL9047 Datasheet HTML 1Page - Qorvo, Inc TQL9047 Datasheet HTML 2Page - Qorvo, Inc TQL9047 Datasheet HTML 3Page - Qorvo, Inc TQL9047 Datasheet HTML 4Page - Qorvo, Inc TQL9047 Datasheet HTML 5Page - Qorvo, Inc TQL9047 Datasheet HTML 6Page - Qorvo, Inc TQL9047 Datasheet HTML 7Page - Qorvo, Inc TQL9047 Datasheet HTML 8Page - Qorvo, Inc TQL9047 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TQL9047
High Linearity Gain Block
Data Sheet, May 16, 2019 | Subject to change without notice
3 of 15
www.qorvo.com
®
S-Parameters
Freq (GHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
0.05
-14.7
-82.4
17.5
163.7
-20.4
10.7
-24.7
-89.6
0.1
-19.4
-117.5
16.9
164.3
-20.0
3.6
-18.2
-156.9
0.2
-22.9
-146.3
16.7
159.8
-19.8
-2.1
-18.6
173.6
0.3
-25.2
-165.5
16.6
153.1
-19.8
-6.1
-19.2
153.6
0.4
-26.5
-174.9
16.5
145.7
-19.7
-9.4
-19.1
137.5
0.5
-29.3
179.8
16.4
138.2
-19.7
-12.5
-19.1
121.5
0.6
-32.8
172.9
16.3
130.7
-19.7
-15.7
-19.5
107.6
0.7
-40.1
-174.1
16.2
123.1
-19.7
-18.7
-19.7
93.5
0.8
-43.3
-61.6
16.1
115.6
-19.6
-21.9
-19.8
78.8
0.9
-33.6
-45.7
16.0
108.1
-19.6
-25.0
-20.0
64.2
1.0
-28.8
-45.4
15.9
100.6
-19.6
-28.3
-20.2
50.0
1.1
-25.7
-48.8
15.8
93.1
-19.6
-31.5
-20.3
35.7
1.2
-23.3
-51.6
15.6
85.7
-19.6
-34.8
-20.3
21.1
1.3
-21.4
-55.3
15.5
78.3
-19.6
-38.1
-20.4
6.1
1.4
-19.9
-59.1
15.4
71.0
-19.6
-41.4
-20.3
-8.8
1.5
-18.7
-63.2
15.3
63.6
-19.6
-44.8
-20.0
-23.9
1.6
-17.6
-67.2
15.2
56.4
-19.6
-48.2
-19.7
-38.4
1.7
-16.7
-71.3
15.1
49.1
-19.6
-51.7
-19.2
-52.2
1.8
-15.9
-75.5
14.9
41.9
-19.7
-55.2
-18.7
-65.6
1.9
-15.3
-79.7
14.8
34.6
-19.7
-58.6
-18.1
-78.2
2.0
-14.7
-84.0
14.7
27.4
-19.7
-62.1
-17.5
-89.8
2.1
-14.2
-88.2
14.6
20.1
-19.8
-65.6
-16.9
-100.9
2.2
-13.8
-92.5
14.5
12.8
-19.8
-69.1
-16.3
-111.1
2.3
-13.5
-96.8
14.4
5.5
-19.8
-72.6
-15.8
-120.8
2.4
-13.2
-101.1
14.3
-1.8
-19.8
-76.2
-15.3
-130.2
2.5
-13.0
-105.5
14.3
-9.2
-19.9
-79.8
-14.8
-138.9
2.6
-12.9
-109.9
14.2
-16.7
-19.9
-83.6
-14.4
-147.7
2.7
-12.8
-114.3
14.1
-24.2
-19.9
-87.2
-13.9
-156.5
2.8
-12.7
-118.6
14.1
-32.0
-19.9
-91.0
-13.6
-165.2
2.9
-12.7
-122.8
14.0
-39.7
-19.9
-94.7
-13.2
-173.9
3.0
-12.7
-126.9
13.9
-47.6
-19.9
-98.7
-13.0
177.1
3.1
-12.7
-130.7
13.8
-55.7
-19.9
-102.7
-12.7
168.1
3.2
-12.8
-134.3
13.8
-64.0
-19.9
-106.8
-12.4
158.8
3.3
-12.9
-137.7
13.7
-72.4
-19.8
-111.0
-12.2
149.4
3.4
-13.0
-140.3
13.6
-81.0
-19.8
-115.4
-12.0
139.8
3.5
-13.0
-142.4
13.5
-89.7
-19.7
-119.9
-11.8
129.8
3.6
-13.0
-143.9
13.3
-98.8
-19.7
-124.7
-11.7
119.6
3.8
-12.8
-144.2
13.0
-117.3
-19.5
-134.7
-11.5
98.0
4.0
-11.8
-143.1
12.5
-136.6
-19.4
-145.8
-11.5
75.3
4.2
-10.1
-140.1
12.0
-160.1
-19.5
-160.5
-12.5
49.0
Test Conditions: VDD=+5 V, IDD=70 mA (typ.), Temp.=+25 °C, unmatched 50 Ohm system, reference plane at device leads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com