Electronic Components Datasheet Search
  English  ▼

X  

SLDN-03D1AX Datasheet(PDF) 31 Page - Bel Fuse Inc.

Part # SLDN-03D1AX
Description  3 VDC ??14.4 VDC Input,
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

SLDN-03D1AX Datasheet(HTML) 31 Page - Bel Fuse Inc.

Back Button SLDN-03D1AX Datasheet HTML 27Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 28Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 29Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 30Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 31Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 32Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 33Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 34Page - Bel Fuse Inc. SLDN-03D1AX Datasheet HTML 35Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
SLDN-03D1Ax
31
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
Rev. D1.04.19
Hex
Code
Command
Brief Description
Non-Volatile
Memory
Storage
36
VIN_OFF
Sets the value of input voltage at which the module turns off
Format
Linear, two’s complement binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r
Function
Exponent
Mantissa
Default Value
1
1
1
1
0
0
0
0
Bit Position
7
6
5
4
3
2
1
0
Access
r
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
Mantissa
Default Value
0
0
0
0
1
0
1
0
YES
38
IOUT_CAL_GAIN
Returns the value of the gain correction term used to correct the measured output
current
Format
Linear, two’s complement binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r
r
r/w
Function
Exponent
Mantissa
Default Value
1
0
0
0
1
0
0
V
Bit Position
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
Mantissa
Default Value
V: Variable based on factory calibration
YES
39
IOUT_CAL_OFFSET
Returns the value of the offset correction term used to correct the measured output
current
Format
Linear, two’s complement binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r
r
r
r/w
r
r
Function
Exponent
Mantissa
Default Value
1
1
1
0
0
V
0
0
Bit Position
7
6
5
4
3
2
1
0
Access
r
r
r/w
r/w
r/w
r/w
r/w
r/w
Function
Mantissa
Default Value
0
0
V: Variable based on factory calibration
YES
40
VOUT_OV_FAULT_LIMIT
Sets the voltage level for an output overvoltage fault. Exponent is fixed at
-10.
Suggested value shown for 1.2Vo. Should be changed for different output voltage.
Values can be 108%, 110%, 112% or 115% of output voltage
Format
Linear, two’s complement binary
Bit Position
7
6
5
4
3
2
1
0
Access
r
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
High Byte
Default Value
0
0
0
0
0
1
0
1
Bit Position
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r/w
r/w
r/w
Function
Low Byte
Default Value
0
1
1
0
0
0
0
0
YES
41
VOUT_OV_FAULT_RESPONSE
Instructs the module on what action to take in response to a output overvoltage fault
Format
Unsigned Binary
Bit Position
7
6
5
4
3
2
1
0
Access
r/w
r/w
r/w
r/w
r/w
r
r
r
Function
RSP
[1]
RSP
[0]
RS[2]
RS[1]
RS[0]
X
X
X
Default Value
1
1
1
1
1
1
0
0
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com