Electronic Components Datasheet Search
  English  ▼

X  

JS2118D3DL01 Datasheet(PDF) 3 Page - VITALCONN ELECTRONICS HK LTD.

Part # JS2118D3DL01
Description  RJ45 2*1 W/ LAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.

JS2118D3DL01 Datasheet(HTML) 3 Page - VITALCONN ELECTRONICS HK LTD.

  JS2118D3DL01 Datasheet HTML 1Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 2Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 3Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 4Page - VITALCONN ELECTRONICS HK LTD. JS2118D3DL01 Datasheet HTML 5Page - VITALCONN ELECTRONICS HK LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
17.93
PCB
METAL PANEL
NOTE:
IN CASE THIS DISTANCE IS DIFFERENT, THE REQUIRED PANEL OPENING DIMENSIONS CHANGE ACCORDINGLY.
THE DISTANCE OF PANEL INSIDE SURFACE RELATIVE TO FRONT SURFACE OF PART IS ONLY A SUGGESTION.
RECOMMENDED PANEL OPENING
8.53
RoHS Compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com