Electronic Components Datasheet Search
  English  ▼

X  

JS241813DL01 Datasheet(PDF) 2 Page - VITALCONN ELECTRONICS HK LTD.

Part # JS241813DL01
Description  RJ45 2*4 W/ LAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITALCONN [VITALCONN ELECTRONICS HK LTD.]
Direct Link  http://www.vitalconn.com/
Logo VITALCONN - VITALCONN ELECTRONICS HK LTD.

JS241813DL01 Datasheet(HTML) 2 Page - VITALCONN ELECTRONICS HK LTD.

  JS241813DL01 Datasheet HTML 1Page - VITALCONN ELECTRONICS HK LTD. JS241813DL01 Datasheet HTML 2Page - VITALCONN ELECTRONICS HK LTD. JS241813DL01 Datasheet HTML 3Page - VITALCONN ELECTRONICS HK LTD. JS241813DL01 Datasheet HTML 4Page - VITALCONN ELECTRONICS HK LTD. JS241813DL01 Datasheet HTML 5Page - VITALCONN ELECTRONICS HK LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PIN-OUT INFORMATION
(COMPONENT SIDE VIEW)
RECOMMENDED PCB LAYOUT
(COMPONENT SIDE VIEW)
TOLERANCE:±0.05
112-∅0.89
7-∅1.57
2-∅3.25
58.94
53.34
2.42
D1
D2
D3
D4
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
P1
P2
P3
P4
P5
P6
P7
P8
P9
P10
A
B
C
D
2.67
2.03
6.09
7.75
9.02
12.70
56.14
LOWER PORT LED
UPPER PORT LED
3.69
16.39
D1
D2
D3
D4
13.97
TYP.
E
F
G
H
2.80
20mA
VF(FORWARD VOLTAGE)
2.2 V
565nm
20mA
2.1 V
585nm
λD DOMINANT WAVELENGTH
COLOR
GREEN
YELLOW
LED ELECTRICAL / OPTICAL CHARACTERISTICS:
D4
LED 2 POLARITY
COLOR
D3
+
-
YELLOW
LED 1 POLARITY
COLOR
+
-
GREEN
IF
D1
D2
LED 2
D2
D1
D3
D4
LED 1
YELLOW
GREEN
RoHS Compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com