Electronic Components Datasheet Search
  English  ▼

X  

SM8S10AD Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # SM8S10AD
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SM8S10AD Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  SM8S10AD Datasheet HTML 1Page - Socay Electornics Co., Ltd. SM8S10AD Datasheet HTML 2Page - Socay Electornics Co., Ltd. SM8S10AD Datasheet HTML 3Page - Socay Electornics Co., Ltd. SM8S10AD Datasheet HTML 4Page - Socay Electornics Co., Ltd. SM8S10AD Datasheet HTML 5Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision March 9, 2020
4 /5
@ SOCAY Electronics Corp., Ltd. 2020
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SM8S Series
10 To 43V
6600W
DO-218AB
SOCAY Electronics Corp., Ltd.
www.socay.com
IR - Reflow Condition
Pb
–Free assembly
Pre Heat
-Temperature Min (Ts(min))
+150℃
-Temperature Max (Ts(max))
+200℃
- Time (Min to Max) (Ts)
60 -180 secs.
Average ramp up rate (Liquid
μs Temp
(TL) to peak)
3℃/sec. Max
TS(max) toTL - Ramp-up Rate (220- 200℃)
3℃/sec. Max
Reflow
- Temperature (TL) (Liquid
μs)
>220℃
- Time (tL)
60 -150 secs.
Peak Temperature (TP)
+245℃
Time
within
5℃
of
actual
peak
Temperature (tp)
10- 30 secs.
Ramp-down Rate
5℃/sec. Max
Time 25℃ to Peak Temperature (TP)
6 min. Max
Do not exceed
+280℃
Part Number
Component Package
Quantity
Packaging Option
SM8S Series
DO-218AB
500 PCS
13" diameter plastic tape and reel,
anode towards the sprocket hole
Packaging
Part Numbering
S M 8S
×× CAD
Internal Code
5%VBR Voltage Tolerance
Bi-directional
Reverse Stand-off Voltage
Series:6600 Watts Series
Recommended Soldering Parameters



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com