Electronic Components Datasheet Search
  English  ▼

X  

8039187 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 8039187
Description  Air solenoid valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8039187 Datasheet(HTML) 2 Page - Festo Corporation.

  8039187 Datasheet HTML 1Page - Festo Corporation. 8039187 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Asymmetrical switching time off
26 ms for control side 12
36 ms for control side 14
Asymmetrical switching time on
16 ms for control side 12
9 ms for control side 14
Duty cycle
100%
Max. positive test pulse with 0 signal
1200 µs
Max. negative test pulse on 1 signal
1100 µs
Nominal operating voltage DC
24 V
Coil characteristics
24 V DC: 1.6 W
Surge resistance
2.5 kV
Contamination level
3
Permissible voltage fluctuations
+/- 10 %
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Vibration resistance
Transport application test with severity level 2 as per FN 942017-4 and
EN 60068-2-6
Shock resistance
Shock test with severity level 2 as per FN 942017-5 and EN 60068-2-27
Corrosion resistance class (CRC)
0 - No corrosion stress
Temperature of medium
-5 °C ... 50 °C
Relative air humidity
0 - 90 %
Noise level
85 dB(A)
Ambient temperature
-5 °C ... 50 °C
Max. tightening torque for valve mounting
1.8 Nm ... 2.2 Nm
Product weight
301 g
Electrical connection
4-pin
Plug
as per ISO 15407-2
Type of mounting
On sub-base
Pilot air port 12/14
Sub-base, size 26 mm as per ISO 15407-1
Pilot exhaust air port 82/84
Optionally:
Ducted
Not ducted
Pneumatic connection 1
Sub-base, size 26 mm as per ISO 15407-2
Pneumatic connection 2
Sub-base, size 26 mm as per ISO 15407-2
Pneumatic connection 3
Sub-base, size 26 mm as per ISO 15407-2
Pneumatic connection 4
Sub-base, size 26 mm as per ISO 15407-2
Pneumatic connection 5
Sub-base, size 26 mm as per ISO 15407-2
Note on materials
RoHS-compliant
Seals material
FPM
NBR
Housing material
Die-cast aluminum
PA
Material of screws
Steel, galvanized
9/5/21 - Subject to change - Festo AG & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com