Electronic Components Datasheet Search
  English  ▼

X  

BPW34S Datasheet(PDF) 1 Page - OSRAM GmbH

Part # BPW34S
Description  LIDAR, Pre-Crash, ACC Rain Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

BPW34S Datasheet(HTML) 1 Page - OSRAM GmbH

  BPW34S Datasheet HTML 1Page - OSRAM GmbH BPW34S Datasheet HTML 2Page - OSRAM GmbH BPW34S Datasheet HTML 3Page - OSRAM GmbH BPW34S Datasheet HTML 4Page - OSRAM GmbH BPW34S Datasheet HTML 5Page - OSRAM GmbH BPW34S Datasheet HTML 6Page - OSRAM GmbH BPW34S Datasheet HTML 7Page - OSRAM GmbH BPW34S Datasheet HTML 8Page - OSRAM GmbH BPW34S Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
BPW 34 S
1 Version 1.7 | 2021-05-26
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
BPW 34 S
DIL SMT
Silicon PIN Photodiode
—
—
LIDAR, Pre-Crash, ACC
—
—
Rain Sensors
Features:
—
—
Package: clear epoxy
—
—
Corrosion Robustness Class: 3B
—
—
Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
—
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
—
Suitable for reflow soldering
—
—
Especially suitable for applications from 400 nm to 1100 nm
—
—
Short switching time (typ. 20 ns)
—
—
DIL plastic package with high packing density
Ordering Information
Type
Photocurrent 1)
Photocurrent
Ordering Code
typ.
E
v = 1000 lx; Std. Light A; VR = 5 V
E
v = 1000 lx; Std. Light A; VR = 5 V
I
P
I
P
BPW 34 S-Z
≥ 55 µA
80 µA
Q65110A1209


Similar Part No. - BPW34S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BPW34S SIEMENS-BPW34S Datasheet
50Kb / 5P
Silicon PIN Photodiode
logo
Vishay Siliconix
BPW34S VISHAY-BPW34S Datasheet
124Kb / 5P
Silicon PIN Photodiode
08-Sep-08
BPW34S VISHAY-BPW34S Datasheet
118Kb / 5P
Silicon PIN Photodiode
23-Aug-11
BPW34S VISHAY-BPW34S Datasheet
115Kb / 5P
Silicon PIN Photodiode
23-Aug-11
BPW34S VISHAY-BPW34S Datasheet
115Kb / 5P
Silicon PIN Photodiode
23-Aug-11
More results

Similar Description - BPW34S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX1096-W11 OMRON-EE-SX1096-W11 Datasheet
256Kb / 2P
Pre-wired Sensors (AWG28).
logo
ELMOS Semiconductor AG
E527.04 ELMOS-E527.04 Datasheet
168Kb / 2P
Rain and Light Sensor
logo
Analog Devices
ADAL6110-16 AD-ADAL6110-16 Datasheet
81Kb / 2P
16-Channel, LIDAR Signal Processor
logo
Pepperl+Fuchs Inc.
OBD60M-R2000-1L-Y70132754 PF-OBD60M-R2000-1L-Y70132754 Datasheet
1Mb / 5P
2-D LiDAR Sensor
OBD10M-R2000-4EP-V1V17 PF-OBD10M-R2000-4EP-V1V17 Datasheet
1Mb / 5P
2-D LiDAR Sensor
OMD8000-R2100-B16-2V15 PF-OMD8000-R2100-B16-2V15 Datasheet
846Kb / 5P
2-D LiDAR Sensor
OMD8000-R2100-R2-2V15 PF-OMD8000-R2100-R2-2V15 Datasheet
873Kb / 5P
2-D LiDAR Sensor
logo
OSRAM GmbH
BPW34SR OSRAM-BPW34SR Datasheet
924Kb / 18P
Rain Sensors
logo
SparkFun Electronics
SEN-14786 SPARKFUN-SEN-14786 Datasheet
133Kb / 3P
TFMini - Micro LiDAR Module (Qwiic)
11??2??8
logo
SICK AG
TIM781-2174101 SICK-TIM781-2174101 Datasheet
597Kb / 9P
2D LIDAR SENSORS
2023-06-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com