Electronic Components Datasheet Search
  English  ▼

X  

SFH2401 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH2401
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2401 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH2401 Datasheet HTML 1Page - OSRAM GmbH SFH2401 Datasheet HTML 2Page - OSRAM GmbH SFH2401 Datasheet HTML 3Page - OSRAM GmbH SFH2401 Datasheet HTML 4Page - OSRAM GmbH SFH2401 Datasheet HTML 5Page - OSRAM GmbH SFH2401 Datasheet HTML 6Page - OSRAM GmbH SFH2401 Datasheet HTML 7Page - OSRAM GmbH SFH2401 Datasheet HTML 8Page - OSRAM GmbH SFH2401 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SFH 2401
1 Version 1.1 | 2020-06-24
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
SFH 2401
DIL SMT
Silicon PIN Photodiode
with Enhanced Blue Sensitivity
—
Industrial Automation (Machine Controls, Light
Barriers, Vision Controls)
Features:
—
Package: clear epoxy
—
ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
—
Enhanced blue and green sensititvity
—
DIL plastic package with high packing density
—
Solder control structure
—
Suitable for reflow soldering
Ordering Information
Type
Photocurrent 1)
Photocurrent
Ordering Code
typ.
E
v = 1000 lx; white LED ; VR = 5 V;
T
A = 25 °C
E
v = 1000 lx; white LED ; VR = 5 V; TA = 25 °C
I
P
I
P
SFH 2401 ≥ 11 µA
13 µA
Q65112A6727


Similar Part No. - SFH2401

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2400 OSRAM-SFH2400 Datasheet
127Kb / 5P
Silicon PIN Photodiode with Very Short Switching Time
SFH2400 OSRAM-SFH2400 Datasheet
636Kb / 13P
Silicon PIN Photodiode
SFH2400FA OSRAM-SFH2400FA Datasheet
127Kb / 5P
Silicon PIN Photodiode with Very Short Switching Time
SFH2400FAR OSRAM-SFH2400FAR Datasheet
692Kb / 13P
Silicon PIN Photodiode
logo
ams AG
SFH2400FAR AMSCO-SFH2400FAR Datasheet
903Kb / 17P
Silicon PIN Photodiode
Version 1.6 2021-02-08
More results

Similar Description - SFH2401

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH2700 OSRAM-SFH2700 Datasheet
942Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700A01 OSRAM-SFH2700A01 Datasheet
972Kb / 14P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700FA OSRAM-SFH2700FA Datasheet
943Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2700FAA01 OSRAM-SFH2700FAA01 Datasheet
989Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SFH2711 OSRAM-SFH2711 Datasheet
975Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLDS90A OSRAM-SPLDS90A_3 Datasheet
592Kb / 12P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLS1L90A_3A01 OSRAM-SPLS1L90A_3A01 Datasheet
1Mb / 20P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLTL90AT03 OSRAM-SPLTL90AT03 Datasheet
840Kb / 15P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLTL90AT08 OSRAM-SPLTL90AT08 Datasheet
857Kb / 13P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
SPLUL90AT08 OSRAM-SPLUL90AT08 Datasheet
854Kb / 13P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com