Electronic Components Datasheet Search
  English  ▼

X  

MAX14871 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14871
Description  Operates From a Wide 4.5V to 36V Supply
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14871 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14871 Datasheet HTML 1Page - Maxim Integrated Products MAX14871 Datasheet HTML 2Page - Maxim Integrated Products MAX14871 Datasheet HTML 3Page - Maxim Integrated Products MAX14871 Datasheet HTML 4Page - Maxim Integrated Products MAX14871 Datasheet HTML 5Page - Maxim Integrated Products MAX14871 Datasheet HTML 6Page - Maxim Integrated Products MAX14871 Datasheet HTML 7Page - Maxim Integrated Products MAX14871 Datasheet HTML 8Page - Maxim Integrated Products MAX14871 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14871
MAX14871 Evaluation Kit
INPUTS
OPERATING MODE
EN
VREF
MODE
VSNS
0
< 0.2V
X
< 0.1V
Normal PWM Operation. No current regulation.
0
< 0.2V
VMODE < 0.5V
> 0.1V
Current regulation based on 15μs (typ) fixed off-time control
with fast decay using internal VREF.
0
< 0.2V
0.5V < VMODE < 1V
> 0.1V
Current regulation based on 25% current ripple fast decay
using internal VREF.
0
< 0.2V
VMODE > 1.5V
> 0.1V
Current regulation based on 15μs (typ) fixed off-time control
with slow decay using internal VREF.
0
> 0.4V
X
< VVREF/10
Normal PWM Operation. No current regulation.
0
> 0.4V
VMODE < 0.5V
> VVREF/10
Current regulation based on fixed TOFF-time control with fast
decay using external VREF.
0
> 0.4V
0.5V < VMODE < 1V
> VVREF/10
Current regulation based on 25% current ripple fast decay
using external VREF.
0
> 0.4V
VMODE > 1.5V
> VVREF/10
Current regulation based on fixed TOFF-time control with
slow decay using external VREF.
Table 2. Current Regulation Logic
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com