Electronic Components Datasheet Search
  English  ▼

X  

MAX14824 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14824
Description  IO-Link-Compliant Master Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14824 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14824 Datasheet HTML 1Page - Maxim Integrated Products MAX14824 Datasheet HTML 2Page - Maxim Integrated Products MAX14824 Datasheet HTML 3Page - Maxim Integrated Products MAX14824 Datasheet HTML 4Page - Maxim Integrated Products MAX14824 Datasheet HTML 5Page - Maxim Integrated Products MAX14824 Datasheet HTML 6Page - Maxim Integrated Products MAX14824 Datasheet HTML 7Page - Maxim Integrated Products MAX14824 Datasheet HTML 8Page - Maxim Integrated Products MAX14824 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MAX14824 Evaluation Kit
Evaluates: MAX14824
4
Maxim Integrated
Detailed Description of Software
The main window of the evaluation software (Figure 2)
displays the SPI registers and the device pins that are
connected to the on-board MAXQ2000 microcontroller.
The user can send read or write SPI commands to the
device, configure the logic levels of the device input pins,
and read back the logic levels of the device output pins.
To read an SPI register or an output pin logic level, press
the Read button.
To configure an SPI register or an input pin logic level,
first click on the desired radio button(s), and then press
the Write button.
The user can also change the SPI clock speed by click-
ing on the desired SPI Clock Speed radio button.
Figure 2. MAX14824 EV Kit Software Main Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com