Electronic Components Datasheet Search
  English  ▼

X  

MAX14820 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14820
Description  IO-Link-Compliant Device Transceiver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14820 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14820 Datasheet HTML 1Page - Maxim Integrated Products MAX14820 Datasheet HTML 2Page - Maxim Integrated Products MAX14820 Datasheet HTML 3Page - Maxim Integrated Products MAX14820 Datasheet HTML 4Page - Maxim Integrated Products MAX14820 Datasheet HTML 5Page - Maxim Integrated Products MAX14820 Datasheet HTML 6Page - Maxim Integrated Products MAX14820 Datasheet HTML 7Page - Maxim Integrated Products MAX14820 Datasheet HTML 8Page - Maxim Integrated Products MAX14820 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14820/MAX14821
MAX14820 Evaluation Kit
Detailed Description of Hardware
The MAX14820 EV kit provides a proven layout for the
MAX14820/MAX14821 IO-Link device transceivers.
All the power-supply and regulator input and output pins
are connected to convenient connectors for easy probing.
The device logic input and output pins are also provided
with convenient connectors for logic testing.
As an option, the user can also connect their own SPI
controller to access the device registers.
The transceiver’s C/Q, DO, and DI pins are protected by
Semtech SDC36C TVS diodes.
See Table 1 for a description of all the EV kit jumper
configurations.
Figure 2. MAX14820 EV Kit Software Advanced User Interface Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com