Electronic Components Datasheet Search
  English  ▼

X  

MAX14748 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14748
Description  Full Assembled and Tested
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14748 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14748 Datasheet HTML 1Page - Maxim Integrated Products MAX14748 Datasheet HTML 2Page - Maxim Integrated Products MAX14748 Datasheet HTML 3Page - Maxim Integrated Products MAX14748 Datasheet HTML 4Page - Maxim Integrated Products MAX14748 Datasheet HTML 5Page - Maxim Integrated Products MAX14748 Datasheet HTML 6Page - Maxim Integrated Products MAX14748 Datasheet HTML 7Page - Maxim Integrated Products MAX14748 Datasheet HTML 8Page - Maxim Integrated Products MAX14748 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX14748
MAX14748 Evaluation Kit
MAX14748 EV Kit Bill of Materials
ITEM
REF_DES
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
C1, C15-C19
6
GCJ188R71H104KA12;
GCM188R71H104K;
CGA3E2X7R1H104K080AA
MURATA; TDK
0.1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.1UF; 50V;
TOL=10%; TG=-55 DEGC TO +125 DEGC; TC=X7R; AUTO
2
C2
1
C1608C0G1H392K080AA
TDK
3900PF
CAP;SMT (0603);3900PF;10%;50V;C0G;CERAMIC CHIP
3
C3, C9, C11,
C12
4
CL10B105KP8NFN
SAMSUNG ELECTRONICS
1UF
CAPACITOR; SMT (0603); CERAMIC; 1UF; 10V; TOL=10%; TG=-
55 DEGC TO +125 DEGC; TC=X7R
4
C4-C7
4
GRM32ER71E226KE15;
CL32B226KAJNFN;
CL32B226KAJNNW
MURATA; SAMSUNG
ELECTRONICS
22UF
CAPACITOR; SMT (1210); CERAMIC CHIP; 22UF; 25V; TOL=10%;
TG=-55 DEGC TO +125 DEGC; TC=X7R
5
C10, C13
2
CGA4J3X7R1H105K125AB
TDK
1UF
CAPACITOR; SMT (0805); CERAMIC CHIP; 1UF; 50V; TOL=10%;
TG=-55 DEGC TO +125 DEGC; TC=X7R; AUTO
6
J1
1
DX07S024JJ3
JAE ELECTRONIC INDUSTRY
DX07S024JJ3
CONNECTOR; FEMALE; SMT; USB TYPE-C CONNECTOR; DX07
SERIES RECEPTACLE; RIGHT ANGLE; 24PINS
7
J3
1
1903814-1
TE CONNECTIVITY
1903814-1
CONNECTOR; FEMALE; THROUGH HOLE; INDUSTRIAL USB
RECEPTACLE ASSEMBLY; RIGHT ANGLE; 1 ROW; STRAIGHT;
4PINS;
8
J5
1
TSW-106-08-S-D-RA
SAMTEC
TSW-106-08-S-D-RA
CONNECTOR; THROUGH HOLE; DOUBLE ROW; RIGHT ANGLE;
12PINS;
9
J6, JU1, JU3,
JU4, JU7-JU13
11 PBC02SAAN
SULLINS ELECTRONICS CORP.
PBC02SAAN
EVKIT PART-CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT; 2PINS; -65 DEGC TO +125 DEGC;
10
JU2
1
PBC02DAAN
SULLINS ELECTRONIC CORP.
PBC02DAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY;
STRAIGHT; 4PINS
11
JU5, JU6
2
PEC03SAAN
SULLINS ELECTRONICS CORP.
PEC03SAAN
EVKIT PART-CONNECTOR; MALE; THROUGH HOLE;
BREAKAWAY; STRAIGHT; 3PINS; -65 DEGC TO +125 DEGC;
12
L1
1
XFL4020-222ME
COILCRAFT
2.2UH
INDUCTOR; SMT; METAL COMPOSITE CORE; 2.2UH; TOL=+/-
20%; 8A; -40 DEGC TO +125 DEGC
13
LED1-LED5
5
LG L29K-G2J1-24
OSRAM
LG L29K-G2J1-24
DIODE; LED; SMT (0603); Vf=1.7V; If(test)=0.002A; -40 DEGC
TO +100 DEGC
14
PB1
1
1825910-6
TE CONNECTIVITY
1825910-6
SWITCH; SPST; THROUGH HOLE; 24V; 0.05A; TACTILE SWITCH;
RCOIL=0 OHM; RINSULATION=100M OHM; TE CONNECTIVITY
15
Q1
1
RRL035P03
ROHM
RRL035P03
TRAN; POWER MOSFET; PCH; TUMT6; PD-(1.0W); I-(-3.5V); V-(-
30V)
16
Q2
1
NX5P2924BUK
NXP
NX5P2924BUK
IC; SWTC; LOGIC CONTROLLED HIGH-SIDE POWER SWITCH;
WLCSP6



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com