Electronic Components Datasheet Search
  English  ▼

X  

MAX13053A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13053A
Description  Family Provides Flexible Design Options
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13053A Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13053A Datasheet HTML 1Page - Maxim Integrated Products MAX13053A Datasheet HTML 2Page - Maxim Integrated Products MAX13053A Datasheet HTML 3Page - Maxim Integrated Products MAX13053A Datasheet HTML 4Page - Maxim Integrated Products MAX13053A Datasheet HTML 5Page - Maxim Integrated Products MAX13053A Datasheet HTML 6Page - Maxim Integrated Products MAX13053A Datasheet HTML 7Page - Maxim Integrated Products MAX13053A Datasheet HTML 8Page - Maxim Integrated Products MAX13053A Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX13053A
MAX13053A Shield
Detailed Description of Hardware
The MAX13053A Shield is a fully assembled and tested
circuit board for evaluating the MAX13053A fault-
protected high speed CAN transceiver (U1) with ±65V
of fault protection. The Shield is designed to evaluate
MAX13053A alone or in a CAN system. The MAX13053A
Shield enables Mbed or Arduino platform to communicate
on a CAN bus.
Powering the Board
The MAX13053A Shield requires one power supply for 5V
operation. The power supply can come from an external
supply or the Arduino/Mbed microcontroller’s 5V supply.
To select the external supply, shunt the JU1 VDD pin to
VDD_EXT pin option, 2-3 default position. To connect the
Arduino/Mbed 5V supply to VDD, shunt JU1 VDD pin to
5V, 1-2 position. Similarly, the VL supply is selected using
JU2. Shunt JU2 to 2-3 position to select the external
supply from a range of 1.62V to 5.5V. Shunt JU2 to 1-2
position to select the Arduino/Mbed 5V supply. Refer to
Table 1 for jumper settings.
On-Board Termination
A properly terminated CAN bus is terminated at each end
with the characteristic impedance of the cable. For CAT5 or
CAT6 cables, this is typically 120Ω on each end for a 60Ω
load on the CAN driver. The MAX13053A Shield features
a selectable 60Ω load and a 60Ω-60Ω split termination
circuit between the CANH and CANL driver outputs. The
60Ω-60Ω split termination has a footprint for a capacitor to
reduce high frequency noise and common mode drift. If the
board is evaluated in a system and is connected at the end
of the cable, then select the 120Ω (60Ω-60Ω) termination.
The termination resistors on the MAX13053A Shield should
be changed to a 60Ω with optional footprint for a 100pF
load, to simulate a complete system load during evaluation.
CANH and CANL can also be left unloaded.
TXD and RXD Configuration
Digital channel assignments for TXD and RXD are selected
through JU8. It consists of three columns, and 14 rows.
The columns labeled TXD and RXD are connected to
INA1 and OUTA1 pins on of the MAX14932FASE+ (U2),
respectively. The middle column is the digital I/O pins,
D0 to D15. This provides flexibility for the user to select
different resources on the microcontroller for transmitting
and receiving signals to and from the CAN transceiver.
Table 2 shows the list of JU8 jumper options.
Silent Mode
Drive S pin high to place the MAX13053A in silent mode.
This disables the transmitter regardless of the voltage
level at TXD. However, RXD is still active and monitors
activity on the bus line.
DB9 Connector
The MAX13053A Shield has a DB9 connector to CANH
and CANL (pins 7 and 2, respectively).
SD Card
The MAX13053A Shield has a SD Card socket. The Micro
SD card is connected to D10-D13 to interface with Arduino/
Mbed board via SPI. The user can store CAN messages.
Table 1. Table Jumper Settings
JUMPER
SHUNT POSITION
DESCRIPTION
JU_CANH and
JU_CANL
1-2
Connects 120Ω between CANH and CANL
2-3*
Connects 60Ω between CANH and CANL
Open
No load is connected between CANH and CANL
JU1
1-2
VDD is shorted to 5V supply
2-3*
VDD is shorted to VDD_EXT supply
Open
VDD is open
JU2
1-2
VL is shorted to 5V supply
2-3*
VL is shorted to VDD_EXT supply
Open
VL is open
JU3
1-2*
Connects VL to U1 Pin 5
JU8
-
Refer to TXD and RXD Configuration
JU9
1-2
Connects S pin to D7
Open*
Disconnects S pin from D7



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com