Electronic Components Datasheet Search
  English  ▼

X  

MAX12934 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX12934
Description  Broad Range of Data Transfer Rates (from DC to 200Mbps)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12934 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX12934 Datasheet HTML 1Page - Maxim Integrated Products MAX12934 Datasheet HTML 2Page - Maxim Integrated Products MAX12934 Datasheet HTML 3Page - Maxim Integrated Products MAX12934 Datasheet HTML 4Page - Maxim Integrated Products MAX12934 Datasheet HTML 5Page - Maxim Integrated Products MAX12934 Datasheet HTML 6Page - Maxim Integrated Products MAX12934 Datasheet HTML 7Page - Maxim Integrated Products MAX12934 Datasheet HTML 8Page - Maxim Integrated Products MAX12934 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Evaluates: MAX12934, MAX12935
MAX12934/MAX12935 Evaluation Kits
General Description
The MAX12934/MAX12935 evaluation kit (EV kit)
provides a proven design to evaluate the MAX12934 or
MAX12935 two channel, wide-body digital isolators.
The EV kit should be powered from two independent
isolated power supplies with nominal output voltage in
range from 1.71V to 5.5V. For evaluating the electrical
parameters of the device without any isolation between
the two sides, a single power supply can also be used.
The MAX1293XWEVKIT# comes with U1 populated and
supports the following digital isolators: MAX12934BAWE+,
MAX12934CAWE+, MAX12934EAWE+, MAX12934FAWE+,
MAX12935BAWE+,MAX12935CAWE+,MAX12935EAWE+,
MAX12935FAWE+
Features
● Broad Range of Data Transfer Rates (from DC to
200Mbps)
● Two Unidirectional Channels in the Same Direction
(MAX12934) or Two Unidirectional Channels in the
Opposite Direction (MAX12935)
● SMA Connectors for Easy Connection to External
Equipment
● Wide Power Supply Voltage Range from 1.71V to
5.5V
● Guaranteed Up to 5kVRMS Isolation (for the Wide-
Body SOIC Package) for 60s
319-100101; Rev 1; 8/20
Ordering Information appears at end of data sheet.
Click
here to ask about the production status of specific part numbers.
Table 1. EV Kit Options
EVKIT PART #
TARGET DEVICE
PACKAGE TYPE
COMMENT
MAX12934BWEVKIT#
MAX12934BAWE+
16 SOIC Wide-Body
2 channel, 2/0, 25Mbps IC
MAX12934FWEVKIT#
MAX12934FAWE+
16 SOIC Wide-Body
2 channel, 2/0, 200Mbps IC
MAX12935BWEVKIT#
MAX12935BAWE+
16 SOIC Wide-Body
2 channel, 1/1, 25Mbps IC
MAX12935FWEVKIT#
MAX12935FAWE+
16 SOIC Wide-Body
2 channel, 1/1, 200Mbps IC
MAX1293XWEVKIT#
MAX1293_AWE+
16 SOIC Wide-Body
Unpopulated EV kit. Supports any
isolator in the family; U1 must be
ordered separately.


Similar Part No. - MAX12934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12934 MAXIM-MAX12934 Datasheet
1Mb / 20P
Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 0; 8/17
MAX12934BAWE+* MAXIM-MAX12934BAWE+* Datasheet
1Mb / 21P
Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
2020
MAX12934CAWE+* MAXIM-MAX12934CAWE+* Datasheet
1Mb / 21P
Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
2020
MAX12934EAWE+* MAXIM-MAX12934EAWE+* Datasheet
1Mb / 21P
Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
2020
MAX12934FAWE+* MAXIM-MAX12934FAWE+* Datasheet
1Mb / 21P
Two-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
2020
More results

Similar Description - MAX12934

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX12934FWEVKIT MAXIM-MAX12934FWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
2017
MAX12935BWEVKIT MAXIM-MAX12935BWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17
MAX12935FWEVKIT MAXIM-MAX12935FWEVKIT Datasheet
1Mb / 9P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 11/17
MAX14434FWEVKIT MAXIM-MAX14434FWEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
MAX14436FWEVKIT MAXIM-MAX14436FWEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 7/17
MAX14430FSEVKIT MAXIM-MAX14430FSEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 3; 9/20
MAX12931BSEVKIT MAXIM-MAX12931BSEVKIT Datasheet
4Mb / 20P
Broad Range of Data Transfer Rates (from DC to 150Mbps)
Rev 0; 6/16
MAX22445FWEVKIT MAXIM-MAX22445FWEVKIT Datasheet
1Mb / 12P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 3/18
MAX22345CSEVKIT MAXIM-MAX22345CSEVKIT Datasheet
1Mb / 12P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 1; 10/18
MAX22246CWEVKIT MAXIM-MAX22246CWEVKIT Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 0; 5/20
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com