Electronic Components Datasheet Search
  English  ▼

X  

MAX12935 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX12935
Description  Broad Range of Data Transfer Rates (from DC to 200Mbps)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12935 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX12935 Datasheet HTML 1Page - Maxim Integrated Products MAX12935 Datasheet HTML 2Page - Maxim Integrated Products MAX12935 Datasheet HTML 3Page - Maxim Integrated Products MAX12935 Datasheet HTML 4Page - Maxim Integrated Products MAX12935 Datasheet HTML 5Page - Maxim Integrated Products MAX12935 Datasheet HTML 6Page - Maxim Integrated Products MAX12935 Datasheet HTML 7Page - Maxim Integrated Products MAX12935 Datasheet HTML 8Page - Maxim Integrated Products MAX12935 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX12934, MAX12935
MAX12934/MAX12935 Evaluation Kits
Detailed Description of Hardware
The MAX12934XW and MAX12935XW EV kits are powered
from two external adjustable power supplies as described
below.
External Power Supplies
Power to the MAX12934XW and MAX12935XW EV kits
are derived from two external sources which can both be
between +1.71V and +5.5V. Connect one source between
the VDDA and GNDA test points, and another source
between the VDDB and GNDB test points. Each supply
can be set independently and can be present over the
entire range from 1.71V to 5.5V, regardless of the level or
presence of the other supply. The MAX12934/MAX12935
level-shifts the data, transmitting them across the isolation
barrier.
Two SMA connectors on each side of the board allow
easy connections to signal generator(s) and oscilloscope.
A typical application diagram is shown in Figure 2.
Decoupling Capacitors
Each power supply is decoupled with a 10µF ceramic
capacitor placed close to the power supply test point, and
a 0.1µF ceramic capacitor placed close to U1.
Termination
Each input and output has an unpopulated 0805 SMT
resistor (R1–R4) and a 0805 SMT capacitor (C1, C2, C6,
C7) to GND_ to allow termination based on customer
requirements.
Figure 2. Typical Application Diagram
#Denotes RoHS compliant.
*Future product—contact factory for availability.
MAX12935
VDDA
OUT1
IN2
GNDA
VDDB
IN1
OUT2
GNDB
0.1µF
2.5V
MICRO
CONTROLLER
0.1µF
3.3V
VDD
RXD
A
B
TRANSCEIVER
Y
Z
TXD
GND
VDD
RX
TX
GND
Ordering Information
PART
TYPE
MAX12934BWEVKIT#*
EV Kit with installed MAX12934BAWE+
MAX12934FWEVKIT#*
EV Kit with installed MAX12934FAWE+
MAX12935BWEVKIT#
EV Kit with installed MAX12935BAWE+
MAX12935FWEVKIT#*
EV Kit with installed MAX12935FAWE+
MAX1293XWEVKIT#
EV Kit without installed isolator. U1 digital isolator must be ordered separately.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com