Electronic Components Datasheet Search
  English  ▼

X  

MAX12931 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX12931
Description  Broad Range of Data Transfer Rates (from DC to 150Mbps)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12931 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX12931 Datasheet HTML 1Page - Maxim Integrated Products MAX12931 Datasheet HTML 2Page - Maxim Integrated Products MAX12931 Datasheet HTML 3Page - Maxim Integrated Products MAX12931 Datasheet HTML 4Page - Maxim Integrated Products MAX12931 Datasheet HTML 5Page - Maxim Integrated Products MAX12931 Datasheet HTML 6Page - Maxim Integrated Products MAX12931 Datasheet HTML 7Page - Maxim Integrated Products MAX12931 Datasheet HTML 8Page - Maxim Integrated Products MAX12931 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX12930, MAX12931
MAX12930/MAX12931 Evaluation Kit
Detailed Description of Hardware
The MAX1293XS or MAX1293XW EV kit is powered from
two external adjustable power supplies as described below.
External Power Supplies
Power to the MAX1293XS or MAX1293XW EV kit is derived
from two external sources which can both be between
+1.71V and +5.5V. Connect one source between the
VDDA and GNDA test points, and another source between
the VDDB and GNDB test points. Each supply can be set
independently and can be present over the entire range
from 1.71V to 5.5V, regardless of the level or presence of
the other supply. The MAX12930/MAX12931 level-shifts
the data, transmitting them across the isolation barrier.
Two SMA connectors on each side of the board allow
easy connections to signal generator(s) and oscilloscope.
A typical application diagram is shown in Figure 3.
Decoupling Capacitors
Each power supply is decoupled with a 10µF ceramic
capacitor placed close to the power supply test point, and
a 0.1µF ceramic capacitor placed close to U1.
Termination
Each input and output has an unpopulated 0805 SMT
resistor (R1-R4) and a 0805 SMT capacitor (C1, C2, C6,
C7) to GND_ to allow termination based on customer
requirements.
Figure 3. Typical Application Diagram
MAX12931
VDDA
OUT1
IN2
GNDA
VDDB
IN1
OUT2
GNDB
0.1µF
2.5V
MICRO
CONTROLLER
0.1µF
3.3V
VDD
RXD
A
B
TRANSCEIVER
Y
Z
TXD
GND
VDD
RX
TX
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com