Electronic Components Datasheet Search
  English  ▼

X  

MAX11960 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11960
Description  FMC Connector for Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11960 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11960 Datasheet HTML 1Page - Maxim Integrated Products MAX11960 Datasheet HTML 2Page - Maxim Integrated Products MAX11960 Datasheet HTML 3Page - Maxim Integrated Products MAX11960 Datasheet HTML 4Page - Maxim Integrated Products MAX11960 Datasheet HTML 5Page - Maxim Integrated Products MAX11960 Datasheet HTML 6Page - Maxim Integrated Products MAX11960 Datasheet HTML 7Page - Maxim Integrated Products MAX11960 Datasheet HTML 8Page - Maxim Integrated Products MAX11960 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX11960
MAX11960 Evaluation Kit
Table 1. Jumper Descriptions (continued)
JUMPER
SHUNT
POSITION
DESCRIPTION
JU11
1-2
Connects to REF offset.
3-4*
Connects to REF/2 offset.
5-6
Connects to GND.
JU12
1-2
Connects NONINV-B to GND
for inverting configuration on
channel B of the MAX11960.
3-4
Connects to the output of the op
amp (U15).
5-6*
Connects INV-B to GND for
noninverting configuration on
channel B of the MAX11960.
JU13
1-2
Connects REFB2 to positive
input of the op amp (U14).
3-4
GND the positive input of the op
amp (U14).
5-6*
Connects output of the op amp
(U16) to positive input of the op
amp (U14).
7-8
GND the negative input of the op
amp (U14).
9-10
Connects output of the op amp
(U16) to the negative input of the
op amp (U14).
JU16
1-2*
REFINAB connects to on-board
+3.0V reference.
2-3
User-supplied REFINAB. Apply
reference voltage at the EXT_
REFINAB test point.
JU17
1-2*
Set isolator’s voltage level to
OVDDA
2-3
Set isolator’s voltage level to
OVDDB
JU18
1-2, 4-5,
7-8, 16-17,
19-20,
22-23,
25-26*
Connects the SPI signals coming
from the FMC connectors to the
MAX11960.
Not
installed
User-supplied SPI. Connect
SPI signals at SCLK, CNVSTA,
CNVSTB, DINA, DINB, DOUA,
and DOUTB test points.
JUMPER
SHUNT
POSITION
DESCRIPTION
JU20
Not
installed*
Enables line driver.
Installed
Disables line driver.
JU22
1-2, 3-4*
DVDDA and DVDDB supplies
connects to on-board +1.8V
LDO.
Not
installed
User-supplied DVDDA and
DVDDB. Apply +1.8V at the
DVDDA and DVDDB test points.
JU23
1-3, 2-4*
OVDDA and OVDDB supplies
connects to on-board +1.8V
LDO.
3-5, 4-6
OVDDA and OVDDB supplies
connects to on-board +3.3V
LDO.
Not
installed
User-supplied OVDDA and
OVDDB. Apply +1.8V to +3.3V
at the OVDDA and OVDDB test
points.
JU24
1-2, 3-4*
AVDDA and AVDDB supplies
connects to on-board +1.8V
LDO.
Not
installed
User-supplied AVDDA and
AVDDB. Apply +1.8V at the
AVDDA and AVDDB test points.
JU25
1-2, 3-4*
REFVDDA and REFVDDB
supplies connects to on-board
+3.3V LDO.
Not
installed
User-supplied REFVDDA and
REFVDDB. Apply +3.3V at the
REFVDDA and REFVDDB test
points.
JU30
Install
Do not use.
Not
installed*
User-supplied +20V power-
supply header connection.
JU31
1-2*
Enabled MAX13256 (U2)
2-3
Disable MAX13256 (U2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com