Electronic Components Datasheet Search
  English  ▼

X  

MAX11901 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11901
Description  Peripheral Module and FMC Connector for Interface
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11901 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11901 Datasheet HTML 1Page - Maxim Integrated Products MAX11901 Datasheet HTML 2Page - Maxim Integrated Products MAX11901 Datasheet HTML 3Page - Maxim Integrated Products MAX11901 Datasheet HTML 4Page - Maxim Integrated Products MAX11901 Datasheet HTML 5Page - Maxim Integrated Products MAX11901 Datasheet HTML 6Page - Maxim Integrated Products MAX11901 Datasheet HTML 7Page - Maxim Integrated Products MAX11901 Datasheet HTML 8Page - Maxim Integrated Products MAX11901 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Evaluates: MAX11900/MAX11901/
MAX11902/MAX11903/
MAX11904/MAX11905
MAX11905 Evaluation Kit
General Description
The MAX11905 evaluation kit (EV kit) demonstrates the
MAX11905, 20-bit, 1.6Msps, single-channel, fully differ-
ential SAR ADC with internal reference buffers. The EV
kit includes a graphical user interface (GUI) that provides
communication from the Avnet ZedBoard™ development
board for the Xilinx® Zynq®-7000 SoC.
The ZedBoard communicates with the PC through an
Ethernet cable using Windows XP®-, Windows Vista®-,
Windows® 7-, or Windows 8/8.1-compatible software.
The EV kit comes with the MAX11905ETP+ installed.
Please contact the factory for the pin-compatible
MAX11900ETP+ (16-bit, 1Msps), MAX11901ETP+
(16-bit, 1.6Msps), MAX11902ETP+ (18-bit, 1Msps),
MAX11903ETP+ (18-bit, 1.6Msps), and MAX11904ETP+
(20-bit, 1Msps)
Features
● Peripheral Module and FMC Connector for Interface
● 75MHz SPI Clock Capability through FMC Connector
● 37.5MHz SPI Clock Capability through Peripheral
Module Connector
● Sync In and Sync Out for Coherent Sampling
● On-Board Input Buffers (MAX9632)
● On-Board +3.0V Reference Voltage (MAX6126)
● Windows XP-, Windows Vista-, Windows 7-, and
Windows 8/8.1-Compatible Software
19-7398; Rev 2; 8/17
Ordering Information appears at end of data sheet.
ZedBoard is a trademark of Avnet, Inc.
Xilinx and Zynq are registered trademarks and Xilinx is a
registered service mark of Xilinx, Inc.
Windows, Windows XP, and Windows Vista are registered trademarks
and registered service marks of Microsoft Corporation.
System Block Diagram
MAX11905EVKIT#
SCLK
ETHERNET
PORT
FMC OR
PERIPHERAL
MODULE
CONNECTOR
MAX6126
MAX9632
VREF/2
ANALOG
INPUT
MAX9632
MAX9632
MAX9632
ANALOG
INPUT
MAX11905
DIN
DOUT
CNVST
ZedBoard
VREF


Similar Part No. - MAX11901

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
917Kb / 29P
20-Bit, 1.6Msps, Low-Power, Fully Differential
Rev 3; 6/16
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11901ETP+ MAXIM-MAX11901ETP+ Datasheet
1Mb / 29P
16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
More results

Similar Description - MAX11901

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Rohm
BA13002F ROHM-BA13002F Datasheet
152Kb / 8P
Interface Driver for microcomputer peripheral and display devices
logo
List of Unclassifed Man...
EF6821 ETC-EF6821 Datasheet
603Kb / 12P
PERIPHERAL INTERFACE ADAPTER
logo
National Semiconductor ...
INS8255N NSC-INS8255N Datasheet
255Kb / 12P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
National Semiconductor ...
1NS8255 NSC-1NS8255 Datasheet
258Kb / 12P
Programmable Peripheral Interface
logo
Renesas Technology Corp
R1EX25512ATA00A RENESAS-R1EX25512ATA00A Datasheet
566Kb / 21P
Serial Peripheral Interface
logo
Linear Dimensions Semic...
DC2159A LINEAR_DIMENSIONS-DC2159A Datasheet
420Kb / 6P
FMC Communication Interface
logo
Maxim Integrated Produc...
MAX11960EVKIT MAXIM-MAX11960EVKIT Datasheet
7Mb / 34P
FMC Connector for Interface
Rev 0; 3/16
MAX11905DIFEVKIT MAXIM-MAX11905DIFEVKIT Datasheet
1Mb / 21P
Peripheral Module and FMC Connector for Interface
Rev 1; 12/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com