Electronic Components Datasheet Search
  English  ▼

X  

MAX11801 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11801
Description  Direct Conversion Mode Demonstration Capability
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11801 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11801 Datasheet HTML 1Page - Maxim Integrated Products MAX11801 Datasheet HTML 2Page - Maxim Integrated Products MAX11801 Datasheet HTML 3Page - Maxim Integrated Products MAX11801 Datasheet HTML 4Page - Maxim Integrated Products MAX11801 Datasheet HTML 5Page - Maxim Integrated Products MAX11801 Datasheet HTML 6Page - Maxim Integrated Products MAX11801 Datasheet HTML 7Page - Maxim Integrated Products MAX11801 Datasheet HTML 8Page - Maxim Integrated Products MAX11801 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4_ _ _______________________________________________________________________________________
MAX11800/MAX11801 Touch
Evaluation Systems (TEVS)
Vendor Specifications
Touch-Panel Vendor and Specification
Densitron and Fujitsu are approved panel vendors
for resistive touch-screen controllers from Maxim (see
Tables 1 and 2 for recommended touch panels).
Table_1._Densitron_4-Wire_Resistive_
Touch-Panel_Specification
Table_2._Fujitsu_4-Wire_Resistive_Touch-
Panel_Specification
Figure 1. Complete MAX11800/MAX11801 Touch Evaluation System (TEVS) Photo
Part_Number
DTS408-0380-00
DTS408-0280-00
Screen_Diagonal
3.8in
2.8in
Dimension__
(W_x_H_x_D)
91mm x 72mm x
0.95mm
70mm x 55mm x
1.4 mm
Viewing_Area
81mm x 63mm
59.6mm x 46.1mm
Active_Area_
Width_(mm)
79mm
58mm
Active_Area_
Height_(mm)
58mm
44mm
Package_Mode
Film glass
Transparency
80%
Part_Number
T010-1401-T670
Outer_Dimension
61.4mm x 80.3mm
Transparent_Area
54.4mm x 71.2mm
Active_Area
51.4mm x 68.2mm
Flex_Tail
30mm
Glass_Thickness
0.7mm
PET_Film_Features
Clear
Transparency
80%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com