Electronic Components Datasheet Search
  English  ▼

X  

MAX11665 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11665
Description  Windows XP, Windows Vista, and Windows 7-Compatible Software
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11665 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11665 Datasheet HTML 1Page - Maxim Integrated Products MAX11665 Datasheet HTML 2Page - Maxim Integrated Products MAX11665 Datasheet HTML 3Page - Maxim Integrated Products MAX11665 Datasheet HTML 4Page - Maxim Integrated Products MAX11665 Datasheet HTML 5Page - Maxim Integrated Products MAX11665 Datasheet HTML 6Page - Maxim Integrated Products MAX11665 Datasheet HTML 7Page - Maxim Integrated Products MAX11665 Datasheet HTML 8Page - Maxim Integrated Products MAX11665 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
MAX11665 Evaluation Kit
4 ______________________________________________________________________________________
Quick Start
Required Equipment
•
MAX11665EVkit
•
+5.5V,500mADCpowersupply
•
User-supplied Windows XP, Windows Vista, or
Windows 7 PC with a spare USB port
•
Functiongenerator
Note: In the following sections, software-related items
are identified by bolding. Text in bold refers to items
directly from the EV kit software. Text in bold and under-
lined refers to items from the Windows operating system.
Procedure
The EV kit is fully assembled and tested. Follow the
steps below to verify board operation. Caution: Do not
turn on the power supply until all connections are
completed.
1)
Uncompress the 11665Rxx.ZIP file in a temporary
folder.
2)
Install the EV kit software on your computer by
running the INSTALL.EXE program inside the
temporary folder. The program files are copied to
your PC and icons are created in the Windows All
Programs menu. During software installation, some
versions of Windows may show a warning message
indicating that this software is from an unknown
publisher. This is not an error condition and it is safe
to proceed with installation. Administrator privileges
are required to install the software on Windows.
3)
Verify that all jumpers are in their default positions,
as shown in Table 1.
4)
Connect the positive terminal of the +5.5V power
supply to the VIN connector on the board. Connect
the negative terminal of the same power supply to
the GND connector on the board.
5)
Set the signal source to generate a 100kHz, +1V
peak-to-peak sinusoidal wave with +2V offset.
6)
Connect the positive terminal of the function
generator to the AIN_DC or AIN_DC_SMA
connector. Connect the negative terminal of the
function generator to the GND connector.
7)
Turn on the power supply.
8)
Turn on the function generator.
9)
Connect the USB cable from the PC to the EV kit
board. Follow the instructions in the USB_Driver_
Help_200.pdf file to manually install the USB driver.
Administrative privileges are required to install the
USB device driver on Windows.
10) Start the EV kit software by opening its icon in the
Windows All Programs menu. The EV kit software
main window appears, as shown in Figure 1.
11) The main windows should display Hardware
Connected in the bottom-left corner.
12) Check the Remove DC checkbox.
13) Press the Start Conversion button.
14) Verify that the Frequency displayed in the
Calculation group box reads approximately
100000Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com