Electronic Components Datasheet Search
  English  ▼

X  

MAX11600 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11600
Description  EV Kit Daughter Board Powered by the Master Board
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11600 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11600 Datasheet HTML 1Page - Maxim Integrated Products MAX11600 Datasheet HTML 2Page - Maxim Integrated Products MAX11600 Datasheet HTML 3Page - Maxim Integrated Products MAX11600 Datasheet HTML 4Page - Maxim Integrated Products MAX11600 Datasheet HTML 5Page - Maxim Integrated Products MAX11600 Datasheet HTML 6Page - Maxim Integrated Products MAX11600 Datasheet HTML 7Page - Maxim Integrated Products MAX11600 Datasheet HTML 8Page - Maxim Integrated Products MAX11600 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
MAX11600–MAX11617 Evaluation System
4 ______________________________________________________________________________________
MAX11613 EV Kit Daughter Board
MAX11614 EV Kit Daughter Board
DESIGNATION
QTY
DESCRIPTION
AIN0–AIN3
4
Yellow multipurpose test points
AVDD_EXT
1
Red multipurpose test point
C1, C7
2
1FF Q10%, 16V X5R ceramic
capacitors (0603)
Murata GRM188R61C105K
C2, C6
2
10FF Q10%, 6.3V X5R ceramic
capacitors (0603)
Murata GRM188R60J106M
C5, C8,
C9, C10
4
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C15, C20,
C25, C30
0
Not installed, ceramic
capacitors (0603)
D1
1
Red LED (0603)
D2
1
Yellow LED (0603)
GND
5
Black multipurpose test point
J1
1
2 x 10 right-angle female header
DESIGNATION
QTY
DESCRIPTION
AIN0–AIN7
8
Yellow multipurpose test points
AVDD_EXT
1
Red multipurpose test point
C1, C7
2
1FF Q10%, 16V X5R ceramic
capacitors (0603)
Murata GRM188R61C105K
C2, C6
2
10FF Q10%, 6.3V X5R ceramic
capacitors (0603)
Murata GRM188R60J106M
C5, C8, C9,
C10
4
0.1FF Q10%, 16V X7R ceramic
capacitors (0603)
TDK C1608X7R1C104K
C15, C20, C25,
C30, C35, C40,
C45, C50
0
Not installed, ceramic
capacitors (0603)
D1
1
Red LED (0603)
D2
1
Yellow LED (0603)
GND
7
Black multipurpose test points
J1
1
2 x 10 right-angle female header
DESIGNATION
QTY
DESCRIPTION
J2
1
16-pin dual-row (2 x 8) header
JU1, JU2, JU4
3
3-pin headers
JU3
1
4-pin header
JU5–JU9
5
2-pin headers
REF, SCL,
SDA, 3.6V
4
White multipurpose test points
R1, R4,
R7, R10
4
0I Q5% resistors (0603)
R35, R36
2
1kI Q5% resistors (0603)
R37
1
2kI Q5% resistor (0603)
R38, R39
2
470I Q5% resistors (0603)
U1
1
12-bit ADC (8 FMAX)
Maxim MAX11613EUA+
U3
1
Voltage reference (8 SO)
Maxim MAX6126AASA25+
—
9
Shunts
—
1
PCB: MAX11613 EVALUATION
KIT+
DESIGNATION
QTY
DESCRIPTION
J2
1
16-pin dual-row (2 x 8) header
JU1–JU4
4
3-pin headers
JU5–JU13
9
2-pin headers
REF, SCL, SDA,
5V
4
White multipurpose test points
R1, R4, R7,
R10, R13, R16,
R19, R22
8
0I Q5% resistors (0603)
R35, R36
2
1kI Q5% resistors (0603)
R37
1
2kI Q5% resistor (0603)
R38, R39
2
470I Q5% resistors (0603)
U1
1
12-bit ADC (16 QSOP)
Maxim MAX11614EEE+
U3
1
Voltage reference (8 SO)
Maxim MAX6126AASA25+
—
13
Shunts
—
1
PCB: MAX11614 EVALUATION
KIT+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com