Electronic Components Datasheet Search
  English  ▼

X  

MAX12558 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX12558
Description  Low-Voltage and Low-Power Operation
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12558 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX12558 Datasheet HTML 1Page - Maxim Integrated Products MAX12558 Datasheet HTML 2Page - Maxim Integrated Products MAX12558 Datasheet HTML 3Page - Maxim Integrated Products MAX12558 Datasheet HTML 4Page - Maxim Integrated Products MAX12558 Datasheet HTML 5Page - Maxim Integrated Products MAX12558 Datasheet HTML 6Page - Maxim Integrated Products MAX12558 Datasheet HTML 7Page - Maxim Integrated Products MAX12558 Datasheet HTML 8Page - Maxim Integrated Products MAX12558 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluate: MAX12527/28/29/57/58/59
MAX12527/MAX12528/MAX12529/
MAX12557/MAX12558/MAX12559
Evaluation Kits
11) Turn on all the power supplies.
12) Enable the signal generators.
13) Set the clock signal generator to the desired clock
frequency. See the Part Selection Table for the appro-
priate frequency settings for each EV kit. The ampli-
tude of the generator should be sufficient to produce
a 16dBm signal at the SMA input of the EV kit. Inser-
tion losses due to the series-connected filter (step 2)
and the interconnecting cables decrease the amount
of power seen at the EV kit input. Account for these
losses when setting the signal generator amplitude.
14) Set the analog input signal generators to output the
desired test frequency. The amplitude of the gen-
erator should produce a signal that is no larger than
7.5dBm as measured at the SMA input of the EV kit.
Insertion losses due to the series-connected filter
(step 5) and the interconnecting cables decrease the
amount of power seen at the EV kit input. Account for
these losses when setting the signal generator ampli-
tude. Also account for the attenuation from the 3dB to
6dB attenuator.
15) All signal generators should be phase-locked to each
other.
16) Enable the logic analyzer.
17) Collect data using the logic analyzer.
Detailed Description
The EV kit is a fully assembled and tested circuit board
that contains all the components necessary to evalu-
ate the performance of the MAX12527, MAX12528,
MAX12529, MAX12557, MAX12558, or MAX12559.
The ADCs accept differential input signals; however, on-
board transformers (T1–T4) convert a readily available
single-ended source output to the required differential sig-
nal. The input signals of the ADC can be measured using
a differential oscilloscope probe at headers J3 and J4.
Output drivers (U2 and U3) buffer the output signals of
the data converter. The digital outputs of the EV kit are
accessible at headers J5 and J6.
The EV kits are designed as a four-layer PC board to
optimize the performance of this family of ADCs. Separate
analog, digital, clock, and buffer power planes minimize
noise coupling between analog and digital signals. 100Ω
differential microstrip transmission lines are used for
analog and clock inputs. 50Ω microstrip transmission
lines are used for all digital outputs. The trace lengths of
the 100Ω differential input lines are matched to within a
few thousandths of an inch to minimize layout-dependent
input-signal skew.
Power Supplies
For best performance, the EV kits require separate
analog, digital, clock, and buffer power-supply sources.
Individual 3.3V and 2.0V power supplies are recommend-
ed to power the analog (VDD) and digital (OVDD) portions
of the converter. A separate 2.0V power supply (VLOGIC)
is used to power the output buffers (U2, U3) of the EV kit.
The on-board clock circuitry (VCLK) is powered by a 3.3V
power supply. The VCLK supply is only required when the
ADC is operating in single-ended clock mode. See the
Configuring the EV Kit for Single-Ended Clock Operation
section for further details.
Converter Power-Down
The MAX12527, MAX12528, MAX12529, MAX12557,
MAX12558, and MAX12559 each feature an active-high
global device power-down pin. Jumper JU2 controls this
feature. See Table 1 for shunt positions.
Clock
Additionally, the data converter allows for either differ-
ential or single-ended signals to drive the clock inputs.
The
MAX12527/MAX12528/MAX12529/MAX12557/
MAX12558/MAX12559 EV kits support both methods.
In single-ended operation, the clock signal is applied to
the ADC through a buffer (U5). In differential mode, an on-
board transformer converts a user-provided single-ended
analog input and generates a differential analog signal,
which is then applied to the ADC’s input pins.
Jumper JU4 controls the ADC clock input. See Table 2 for
jumper configuration.
Table 1. Power-Down Shunt Settings (JU2)
Table 2. Clock Selection Shunt Settings (JU4)
*Default configuration: JU2 (2-3).
*Default configuration: JU4 (1-2).
SHUNT
POSITION
PD PIN
DESCRIPTION
1-2
OVDD
ADC powered down
2-3*
GND
ADC active (normal operation)
SHUNT
POSITION
DIFFCLK/
SECLK PIN
DESCRIPTION
1-2*
OVDD
Differential clock mode.
2-3
GND
Single-ended clock mode.
See the Configuring the EV Kit
for Single-Ended Clock Operation
section for further details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com