Electronic Components Datasheet Search
  English  ▼

X  

MAX11642 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11642
Description  Collects Up to One Million Samples
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11642 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11642 Datasheet HTML 1Page - Maxim Integrated Products MAX11642 Datasheet HTML 2Page - Maxim Integrated Products MAX11642 Datasheet HTML 3Page - Maxim Integrated Products MAX11642 Datasheet HTML 4Page - Maxim Integrated Products MAX11642 Datasheet HTML 5Page - Maxim Integrated Products MAX11642 Datasheet HTML 6Page - Maxim Integrated Products MAX11642 Datasheet HTML 7Page - Maxim Integrated Products MAX11642 Datasheet HTML 8Page - Maxim Integrated Products MAX11642 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
General Description
The MAX1231B/MAX11633/MAX11635 evaluation sys-
tems (EV systems) include one master board and one
of three daughter boards. The EV systems also include
Windows XPM-, Windows VistaM-, and WindowsM 7-com-
patible software that provides a simple graphical user inter-
face (GUI) for exercising the features of the various ADCs.
The master board (MAX116XXSPIMB) connects
to a PC’s USB port and allows the transfer of SPI
commands to the corresponding daughter board.
The daughter boards are fully assembled and tested
PCBs that demonstrate the capabilities of the MAX1030,
MAX1031, MAX1230, MAX1231, MAX11624, MAX11625,
MAX11632–MAX11635, MAX11642, and MAX11643
300ksps, 8-/10-/12-bit, 3V/5V, low-power, high-speed
SPI ADCs with internal or external references.
Each EV kit daughter board evaluates different ADCs, but
only the default ADC referenced in the EV kit daughter
board is installed on the board. Contact the factory for
free samples of the other pin-compatible ADCs to evaluate
these devices or to order individual boards.
Features
S
USB Powered (No External Power Supply
Required)
S
Daughter Board Powered by the Master Board
S
4/16 ADC Channel Inputs
S
10MHz SPI Interface
S
Windows XP-, Windows Vista-, and Windows
7-Compatible Software
S
Time Domain, Frequency Domain, and Histogram
Plotting in the EV System Software
S
Frequency, RMS, Min, Max, and Average DC
Calculations in the EV System Software
S
Collects Up to One Million Samples
S
On-Board Voltage Reference
S
Proven PCB Layout
S
Fully Assembled and Tested
USB TO PC
PC
MAX116xx SPI
MASTER BOARD
LEVEL
TRANSLATOR
12-BIT, 300ksps
MULTICHANNEL ADC
VOLTAGE REFERENCE
ANALOG
INPUTS
MAX1231, MAX11633, OR
MAX11635 DAUGHTER BOARD
MAX1231B/MAX11633/MAX11635 Evaluation Systems
Evaluate: MAX1030/MAX1031/MAX1230/
MAX1231/MAX11624/MAX11625/
MAX11632–MAX11635/MAX11642/MAX11643
_________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
19-6014; Rev 1; 4/12
Ordering Information/Selector Guide appears at end of data
sheet.
Windows, Windows XP, and Windows Vista are registered
trademarks of Microsoft Corp.
Figure 1. EV System Block Diagram


Similar Part No. - MAX11642

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11642 MAXIM-MAX11642 Datasheet
5Mb / 40P
Windows XP-, Windows Vista-, and Windows 7-Compatible Software
Rev 1; 4/12
MAX11642 MAXIM-MAX11642 Datasheet
1Mb / 22P
8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
MAX11642EEG+T MAXIM-MAX11642EEG+T Datasheet
1Mb / 22P
8-Bit, 16-/8-Channel, 300ksps ADCs with FIFO and Internal Reference
19-6035; Rev 0; 9/11
More results

Similar Description - MAX11642

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3263 TI-TLV320AIC3263 Datasheet
1Mb / 62P
Check for Samples: TLV320AIC3263
logo
Actel Corporation
APA075-FGG144 ACTEL-APA075-FGG144 Datasheet
352Kb / 10P
75,000 to 1 Million System Gates
logo
Level One
GTL-2891 LVL1-GTL-2891 Datasheet
471Kb / 5P
Stacking up to 8 switches in one stack
logo
TEMEX
RCV2520Q TEMEX-RCV2520Q Datasheet
167Kb / 1P
Up to four frequency selections in one part
logo
PHOENIX CONTACT
2867953 PHOENIX-2867953 Datasheet
101Kb / 4P
Up to 254 slaves can be connected to one master
logo
Maxim Integrated Produc...
MAX125EVKIT MAXIM-MAX125EVKIT Datasheet
276Kb / 20P
Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX115EVKIT MAXIM-MAX115EVKIT Datasheet
223Kb / 7P
Complete Evaluation System Samples to 40ksps
Rev 0; 6/01
MAX1110EVKIT MAXIM-MAX1110EVKIT Datasheet
127Kb / 8P
Complete Evaluation System Samples to 5ksps
Rev 0; 3/97
MAX1270EVC16 MAXIM-MAX1270EVC16 Datasheet
196Kb / 7P
Complete Evaluation System Samples to 12ksps
Rev 2; 8/00
logo
Vishay Siliconix
P13L VISHAY-P13L_V01 Datasheet
143Kb / 6P
Long Life Cermet Potentiometer up to 2 Million Cycles
30-Jul-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com