Electronic Components Datasheet Search
  English  ▼

X  

XB4AB2 Datasheet(PDF) 1 Page - Schneider Electric

Part # XB4AB2
Description  22mm push button, Harmony XB4, metal base, turn to release push button, 40mm red mushroom button, 6A at 120VAC, 1NC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

XB4AB2 Datasheet(HTML) 1 Page - Schneider Electric

  XB4AB2 Datasheet HTML 1Page - Schneider Electric XB4AB2 Datasheet HTML 2Page - Schneider Electric XB4AB2 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
XB4AB2
22mm push button, Harmony XB4, metal base,
turn to release push button, 40mm red mushroom
button, 6A at 120VAC, 1NC
Product availability : Stock - Normally stocked in distribution facility
Price* : 82.60 USD
Main
Range of product
Harmony XB4
Product or Component Type
Emergency switching off push-button
Device short name
XB4
Bezel material
Chromium plated metal
Fixing collar material
Zamak
Mounting diameter
0.87 in (22 mm)
Sale per indivisible quantity
1
Shape of signaling unit head
Round
Type of operator
mechanical latching
Reset
Turn to release
Operator profile
Red mushroom Ø 40 mm, unmarked
Contact operation
Slow-break
Connections - terminals
Screw clamp terminals, <= 2 x 1.5 mm² with cable end EN 60947-1
Screw clamp terminals, >= 1 x 0.22 mm² without cable end EN 60947-1
Complementary
Height
1.85 in (47 mm)
Width
1.57 in (40 mm)
Depth
4.09 in (104 mm)
Terminals description ISO n°1
(21-22)NC
Product Weight
0.29 lb(US) (0.133 kg)
Resistance to high pressure washer
1015.26 psi (7000000 Pa) 131 °F (55 °C) 0.1 m
Contacts usage
Standard contacts
Positive opening
With EN/IEC 60947-5-1 appendix K
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Sep 29, 2021
1


Similar Part No. - XB4AB2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB4AB1 SCHNEIDER-XB4AB1 Datasheet
153Kb / 3P
Push button, Harmony XB4, 횠22 mm pushbutton kit head contact block 6 color caps
Sep 28, 2021
More results

Similar Description - XB4AB2

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XB4BA42 SCHNEIDER-XB4BA42 Datasheet
143Kb / 5P
Harmony XB4, Push button, metal, flush, red, 횠22, spring return, unmarked, 1NC
May 24, 2021
ZB4BA4 SCHNEIDER-ZB4BA4 Datasheet
378Kb / 13P
Harmony, 22mm Push Button, flush push button head, spring return, red, unmarked
Oct 4, 2021
ZB4BH04 SCHNEIDER-ZB4BH04 Datasheet
412Kb / 11P
Harmony XB4, Push button head, metal, red, flush, 횠22, push-push, unmarked
Oct 4, 2021
ZB4BL4 SCHNEIDER-ZB4BL4 Datasheet
381Kb / 13P
Harmony, 22mm Push Button, no guard push button head, spring return, red, unmarked
Oct 4, 2021
ZB4BC4 SCHNEIDER-ZB4BC4 Datasheet
404Kb / 12P
Harmony XB4, Mushroom push button head 횠40, metal, red, 횠22, spring return
Oct 18, 2021
ZB4BC44 SCHNEIDER-ZB4BC44 Datasheet
385Kb / 12P
Harmony XB4, Mushroom push button head 횠30, metal, red, 횠22, spring return
Oct 18, 2021
ZB4BR4 SCHNEIDER-ZB4BR4 Datasheet
393Kb / 12P
Harmony XB4, Mushroom push button head 횠60, metal, red, 횠22, spring return
Oct 18, 2021
ZB4BS52 SCHNEIDER-ZB4BS52 Datasheet
359Kb / 13P
Harmony XB4, Mushroom push button head 횠40, metal, black, 횠22, latching turn realease
Oct 18, 2021
ZB4BS55 SCHNEIDER-ZB4BS55 Datasheet
369Kb / 13P
Harmony XB4, Mushroom push button head 횠40, metal, yellow, 횠22, latching turn realease
Oct 18, 2021
9001SKR5R05H13 SCHNEIDER-9001SKR5R05H13 Datasheet
112Kb / 2P
30mm push button, Type SK, 2.25 inch red mushroom button, 6A inductive at 120VAC, 1NO/1NC contact, NEMA 4, 4X
Jan 12, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com