Electronic Components Datasheet Search
  English  ▼

X  

ICS162834 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS162834
Description  18-Bit 3.3V Registered Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS162834 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS162834 Datasheet HTML 1Page - Integrated Circuit Systems ICS162834 Datasheet HTML 2Page - Integrated Circuit Systems ICS162834 Datasheet HTML 3Page - Integrated Circuit Systems ICS162834 Datasheet HTML 4Page - Integrated Circuit Systems ICS162834 Datasheet HTML 5Page - Integrated Circuit Systems ICS162834 Datasheet HTML 6Page - Integrated Circuit Systems ICS162834 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
ICS162834
Advance Information
0774—02/10/03
5
IN PUT
VIH
0V
VOH
VOL
tPLH1
tSK (x)
OU TPUT 1
OU TPUT 2
tPHL1
tSK (x)
tPLH2
tPHL2
VT
VT
VOH
VT
VOL
tSK(x) = tPLH2 - tPLH1 or tPH L2 - tPHL1
LOW -H IGH -LOW
PU LSE
H IGH -LOW -H IGH
PU LSE
VT
tW
VT
CONTROL
IN PUT
tPLZ
0V
OU TPU T
NORM ALLY
LOW
tPZH
0V
SW ITCH
CLO SE D
OU TPU T
NORM ALLY
HIGH
EN ABLE
DISABLE
SW ITCH
OPEN
tPHZ
0V
VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VHZ
NOTES:
Switching Waveforms
1. For tSK(o) OUTPUT1 and OUTPUT2 are any two outputs.
2. For tSK(b) OUTPUT1 and OUTPUT2 are in the same bank.
ENABLE AND DISABLE TIMES
OUTPUT SKEW - tSK(X)
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control
Disable-HIGH.
PULSE WIDTH
An
CK
Yn
tPLH
tPHL
VIH
VIL
VIH
VIL
VOH
VOL
An
CK
Yn
tS
tS
VIH
VIH
VIL
VIH
VIL
VOH
VOL
An
CK
Yn
tH
tH
VIH
VIL
VIH
VIL
VOH
VOL
HOLD TIME MEASUREMENTS
PROPAGATION DELAY MEASUREMENT
SETUP TIME MEASUREMENTS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com