Electronic Components Datasheet Search
  English  ▼

X  

757-080 Datasheet(PDF) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

Part # 757-080
Description  Spacer module for sensor/actuator box; 8-way
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAGO [WAGO Kontakttechnik GmbH & Co. KG]
Direct Link  https://www.wago.com/global/
Logo WAGO - WAGO Kontakttechnik GmbH & Co. KG

757-080 Datasheet(HTML) 2 Page - WAGO Kontakttechnik GmbH & Co. KG

  757-080 Datasheet HTML 1Page - WAGO Kontakttechnik GmbH & Co. KG 757-080 Datasheet HTML 2Page - WAGO Kontakttechnik GmbH & Co. KG 757-080 Datasheet HTML 3Page - WAGO Kontakttechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data sheet | Item number: 757-080
www.wago.com/757-080
Subject to changes. Please also observe the further product documentation!
WAGO Kontakttechnik GmbH & Co. KG
Hansastr. 27
32423 Minden
Phone: +49571 887-0 | Fax: +49571 887-169
Email: info.de@wago.com | Web: www.wago.com
Do you have any questions about our products?
We are always happy to take your call at +49 (571) 887-44222.
28.09.2021    Page /
2 3
Material data
Weight
21 g
 
Commercial data
Product Group
23 (I/O passive and accessories)
PU (SPU)
10 Stück
Packaging type
box
Country of origin
DE
GTIN
4044918525862
Customs tariff number
39269097900
Downloads
Documentation
System Description
Sensor/Actuator Boxes ‒ General Product Information
pdf
537.3 kB
Download
CAD/CAE-Data
CAD data
2D/3D Models 757-080
URL
Download
CAE data
EPLAN Data Portal 757-080
URL
Download
WSCAD Universe 757-080
URL
Download
ZUKEN Portal 757-080
URL
Download
Environmental Product Compliance
Compliance Search
Environmental Product Compliance 757-080
Spacer module for sensor/actuator box; 8-way
URL
Download



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com