Electronic Components Datasheet Search
  English  ▼

X  

WF5025AL2 Datasheet(PDF) 8 Page - Nippon Precision Circuits Inc

Part # WF5025AL2
Description  Crystal Oscillator Module ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

WF5025AL2 Datasheet(HTML) 8 Page - Nippon Precision Circuits Inc

Back Button WF5025AL2 Datasheet HTML 4Page - Nippon Precision Circuits Inc WF5025AL2 Datasheet HTML 5Page - Nippon Precision Circuits Inc WF5025AL2 Datasheet HTML 6Page - Nippon Precision Circuits Inc WF5025AL2 Datasheet HTML 7Page - Nippon Precision Circuits Inc WF5025AL2 Datasheet HTML 8Page - Nippon Precision Circuits Inc WF5025AL2 Datasheet HTML 9Page - Nippon Precision Circuits Inc WF5025AL2 Datasheet HTML 10Page - Nippon Precision Circuits Inc WF5025AL2 Datasheet HTML 11Page - Nippon Precision Circuits Inc WF5025AL2 Datasheet HTML 12Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
WF5025 series
NIPPON PRECISION CIRCUITS INC.—8
WF5025ML
× (2.5V operation)
VDD = 2.25 to 2.75V, VSS = 0V, Ta = −40 to +85°C unless otherwise noted.
Parameter
Symbol
Condition
Rating*1
*1. Values in parentheses ( ) are provisional only.
Unit
min
typ
max
HIGH-level output voltage
VOH
Q: Measurement cct 1, VDD = 2.25V, IOH = 8mA
1.65
1.95
–
V
LOW-level output voltage
VOL
Q: Measurement cct 2, VDD = 2.25V, IOL = 8mA
–
0.3
0.4
V
HIGH-level input voltage
VIH
INHN
0.7VDD
––
V
LOW-level input voltage
VIL
INHN
–
–
0.3VDD
V
Output leakage current
IZ
Q: Measurement cct 2, INHN = LOW
VOH = VDD
–
–
10
µA
VOL = VSS
–
–
10
µA
Current consumption
IDD1
Measurement cct 3, load cct 1,
INHN = open, CL = 15pF
f = 100MHz
WF5025MLB
–
TBD
TBD
mA
f = 133MHz
WF5025MLC
–
15
30
mA
IDD2
Measurement cct 3, load cct 1,
INHN = open, CL = 30pF
f = 72MHz
WF5025MLA
–
11
22
mA
f = 100MHz
WF5025MLB
–
TBD
TBD
mA
f = 100MHz
WF5025MLC
–
15
30
mA
Standby current
IST
Measurement cct 3, INHN = LOW
–
–
3
µA
INHN pull-up resistance
RUP1
Measurement cct 4
2
6
12
M
Ω
RUP2
20
100
200
k
Ω
AC feedback resistance
Rf1
Design value. A monitor pattern on a wafer is
tested.
WF5025MLA
3.99
4.7
5.41
k
Ω
WF5025MLB
TBD
TBD
TBD
k
Ω
WF5025MLC
2.97
3.5
4.03
k
Ω
DC feedback resistance
Rf2
Measurement cct 5
50
–
150
k
Ω
Oscillator amplifier output
resistance
RD
Design value. A monitor pattern on a wafer is tested.
85
100
115
Ω
AC feedback capacitance
Cf
Design value. A monitor pattern on a wafer is tested.
8.5
10
11.5
pF
Built-in capacitance
CG
Design value. A monitor pattern on a wafer is
tested.
WF5025MLA
1.70
2
2.30
pF
WF5025MLB
(1.70)
(2)
(2.30)
pF
WF5025MLC
0.85
1
1.15
pF
CD
Design value. A monitor pattern on a wafer is
tested.
WF5025MLA
3.40
4
4.60
pF
WF5025MLB
(3.40)
(4)
(4.60)
pF
WF5025MLC
3.40
4
4.60
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com