Electronic Components Datasheet Search
  English  ▼

X  

MLP832 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # MLP832
Description  Package information - MLP832
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

MLP832 Datasheet(HTML) 1 Page - Zetex Semiconductors

  MLP832 Datasheet HTML 1Page - Zetex Semiconductors MLP832 Datasheet HTML 2Page - Zetex Semiconductors MLP832 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Issue 2 - October 2005
1
www.zetex.com
© Zetex Semiconductors plc 2005
Package information - MLP832
Surface mounted, 8 pin package
Package outline
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Soldering footprint
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
A
0.80
1.00
0.0315
0.0394
e
0.65 BSC
0.0256 BSC
A1
0.00
0.05
0.00
0.002
E
2.00 BSC
0.0787 BSC
A2
0.65
0.75
0.0256
0.0295
E2
0.43
0.63
0.017
0.0248
A3
0.15
0.25
0.006
0.0098
L
0.20
0.45
0.0079
0.0177
b
0.24
0.34
0.0095
0.0134
L2
0.00
0.125
0.00
0.005
b1
0.17
0.30
0.0068
0.0118
r
0.075 BSC
0.0029 BSC
D
3.00 BSC
0.118 BSC
0
°
12
°
0
°
12
°
D2
0.82
1.02
0.0323
0.0402
-
-
-
-
-
D3
1.01
1.21
0.0398
0.0476
-
-
-
-
-
0.40
0.015
0.80
0.031
0.10
0.004
1.20
0.047
1.30
0.051
0.65
0.025
0.75
0.029
0.9
0.035
0.35
0.013


Similar Part No. - MLP832

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLP802M025EK0A CDE-MLP802M025EK0A Datasheet
454Kb / 5P
85 ?C Flatpack, Ultra-Long Life, Aluminum
MLP802M025EK0A CDE-MLP802M025EK0A Datasheet
446Kb / 6P
Double the ripple capability with a heatsink
MLP802M025EK0A CDE-MLP802M025EK0A Datasheet
495Kb / 6P
Ultra Long Life, Aluminum Electrolytic
MLP821M250EB0A CDE-MLP821M250EB0A Datasheet
454Kb / 5P
85 ?C Flatpack, Ultra-Long Life, Aluminum
MLP821M250EB0A CDE-MLP821M250EB0A Datasheet
446Kb / 6P
Double the ripple capability with a heatsink
More results

Similar Description - MLP832

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
SC70-6 ZETEX-SC70-6 Datasheet
174Kb / 3P
Package information
logo
List of Unclassifed Man...
ULN-2001 ETC2-ULN-2001 Datasheet
1Mb / 42P
PACKAGE INFORMATION
logo
Texas Instruments
TPS59611RHBR TI-TPS59611RHBR Datasheet
1Mb / 17P
PACKAGE MATERIALS INFORMATION
TPS51620RHAR TI-TPS51620RHAR Datasheet
484Kb / 7P
PACKAGE MATERIALS INFORMATION
TPS51620RHATG4 TI1-TPS51620RHATG4 Datasheet
484Kb / 7P
PACKAGE MATERIALS INFORMATION
TPS51620RHARG4 TI-TPS51620RHARG4 Datasheet
478Kb / 7P
PACKAGE MATERIALS INFORMATION
TPS51620 TI1-TPS51620 Datasheet
563Kb / 4P
PACKAGE MATERIALS INFORMATION
TPS51621 TI1-TPS51621 Datasheet
1Mb / 13P
PACKAGE MATERIALS INFORMATION
TPS59611 TI1-TPS59611 Datasheet
1Mb / 17P
PACKAGE MATERIALS INFORMATION
TPS59621 TI1-TPS59621 Datasheet
1Mb / 18P
PACKAGE MATERIALS INFORMATION
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com