Electronic Components Datasheet Search
  English  ▼

X  

ICS162835 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS162835
Description  18-Bit 3.3V Registered Buffer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS162835 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS162835 Datasheet HTML 1Page - Integrated Circuit Systems ICS162835 Datasheet HTML 2Page - Integrated Circuit Systems ICS162835 Datasheet HTML 3Page - Integrated Circuit Systems ICS162835 Datasheet HTML 4Page - Integrated Circuit Systems ICS162835 Datasheet HTML 5Page - Integrated Circuit Systems ICS162835 Datasheet HTML 6Page - Integrated Circuit Systems ICS162835 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
ICS162835
Advance Information
0713—09/23/02
d
e
t
s
e
T
r
e
t
e
m
a
r
a
Pn
o
i
t
i
s
o
P
h
c
t
i
w
S
t
H
L
P
n
e
p
O
t
L
H
P
n
e
p
O
t
H
Z
P
D
N
G
t
L
Z
P
V
x
2
D
D
t
Z
H
P
D
N
G
t
Z
L
P
V
x
2
D
D
DUT
RL
CL
RL
2 x VDD
Open
GND
Puls e
Generator
RT
Test circuit component values:
RL = Load Resistor = 500
Ω
CL = Load Capacitance and includes probe and jig capacitance
RT = Termination resistance should be equal to Z
OUT of Pulse Generator
VIN = 0 to VDD
t r = tf 2.0 ns (10% to 90%) unless otherwise specified.
Test Circuit
Test Circuit and Switching Waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com