Electronic Components Datasheet Search
  English  ▼

X  

PLL602-20SC Datasheet(PDF) 2 Page - PhaseLink Corporation

Part # PLL602-20SC
Description  200MHz XO IC With Selectable 4X/8X Multiplier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation

PLL602-20SC Datasheet(HTML) 2 Page - PhaseLink Corporation

  PLL602-20SC Datasheet HTML 1Page - PhaseLink Corporation PLL602-20SC Datasheet HTML 2Page - PhaseLink Corporation PLL602-20SC Datasheet HTML 3Page - PhaseLink Corporation PLL602-20SC Datasheet HTML 4Page - PhaseLink Corporation PLL602-20SC Datasheet HTML 5Page - PhaseLink Corporation PLL602-20SC Datasheet HTML 6Page - PhaseLink Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PLL602-20
200MHz XO IC With Selectable 4X/8X Multiplier
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 02/18/05 Page 2
PIN/PAD ASSIGNMENT and DESCRIPTION
Die Pads
Name
Pin #
Pad #
X (µm)
Y(µm)
Type
Description
XIN/FIN
1
1
101.5
1274.0
I
Crystal or Reference Input Pin.
2
101.5
1075.0
GND
2
3
101.5
878.4
P
GND connection.
SEL4X/8X
3
4
101.5
671.8
O
Multiplier Selector Pin with 60KΩ pull-up resistor.
Logic State
Multiplier
0
x4
1(default)
x8
CLK
4
5
101.5
425.0
O
Clock Output.
6
697
483.0
VDD
5
7
697
790.0
P
VDD connection.
DNC
6
-
-
-
-
Do Not Connect.
OE
7
8
697
1024.0
O
Output Enable: ‘0’ to disable (tri-state output), 1’
(default value when not connected) to enable the
output (internal (60KΩ pull up resistor).
XOUT
8
9
697
1274.0
O
Crystal output.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com