Electronic Components Datasheet Search
  English  ▼

X  

ATXP064B Datasheet(PDF) 92 Page - Dialog Semiconductor

Part # ATXP064B
Description  8 Mbit, 1.65V - 3.6V Range SPI Serial Flash Memory with Multi-I/O Support
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

ATXP064B Datasheet(HTML) 92 Page - Dialog Semiconductor

Back Button ATXP064B Datasheet HTML 88Page - Dialog Semiconductor ATXP064B Datasheet HTML 89Page - Dialog Semiconductor ATXP064B Datasheet HTML 90Page - Dialog Semiconductor ATXP064B Datasheet HTML 91Page - Dialog Semiconductor ATXP064B Datasheet HTML 92Page - Dialog Semiconductor ATXP064B Datasheet HTML 93Page - Dialog Semiconductor ATXP064B Datasheet HTML 94Page - Dialog Semiconductor ATXP064B Datasheet HTML 95Page - Dialog Semiconductor ATXP064B Datasheet HTML 96Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 116 page
background image
92
ATXP064B
DS-XP064B–172C–8-2020
Figure 13-18. Hardware Reset Sequence
Note: The CS signal should be in the high state before the RESET signal is deasserted.
Figure 13-19. Hardware Reset Sequence from UDPD
13.12 Reset Summary
The following table summarizes the effects of the various reset functions:
CS
SCK
RESET
SO (Output)
High-impedance
High-impedance
SI (Input)
tRST
tREC
tCSLS
RESET
SO
ICC
High-impedance
Ultra-Deep Power-Down Mode Current
Active Current
Standby Mode Current
tHWRES
tRST
Table 13-2.
Effects of Reset Functions
Action
Volatile Registers
Non-Volatile
Registers (1)
Sector Protection
Registers
EPE bit
Power Cycle
Default state
Unchanged
Default state
(protected)
See
Table 12-4
JEDEC Standard Hardware Reset
(In-Band Reset) (2)
Default state
Unchanged
Default state
(protected)
See
Table 12-4
Hardware Reset (RESET pin)
(not in UDPD) (3)
Default state
Unchanged
Unchanged
See
Table 12-4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com