Electronic Components Datasheet Search
  English  ▼

X  

DA7281 Datasheet(PDF) 73 Page - Dialog Semiconductor

Part # DA7281
Description  LRA/ERM Haptic Driver with Multiple I짼C Addresses, Integrated Waveform Memory, and Wideband Support
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7281 Datasheet(HTML) 73 Page - Dialog Semiconductor

Back Button DA7281 Datasheet HTML 68Page - Dialog Semiconductor DA7281 Datasheet HTML 69Page - Dialog Semiconductor DA7281 Datasheet HTML 70Page - Dialog Semiconductor DA7281 Datasheet HTML 71Page - Dialog Semiconductor DA7281 Datasheet HTML 72Page - Dialog Semiconductor DA7281 Datasheet HTML 73Page - Dialog Semiconductor DA7281 Datasheet HTML 74Page - Dialog Semiconductor DA7281 Datasheet HTML 75Page - Dialog Semiconductor DA7281 Datasheet HTML 76Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
DA7281
LRA/ERM Haptic Driver with Multiple I²C Addresses,
Integrated Waveform Memory, and Wideband Support
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
73 of 76
© 2019 Dialog Semiconductor
7.3
Moisture Sensitivity Level
The Moisture Sensitivity Level (MSL) is an indicator for the maximum allowable time period (floor
lifetime) in which a moisture sensitive plastic device, once removed from the dry bag, can be
exposed to an environment with a specified maximum temperature and a maximum relative humidity
before the solder reflow process. The MSL classification is defined in Table 76.
For detailed information on MSL levels refer to the IPC/JEDEC standard J-STD-020, which can be
downloaded from http://www.jedec.org.
The WLCSP package is qualified for MSL 1.
The QFN package is qualified for MSL 3.
Table 76: MSL Classification
MSL Level
Floor Lifetime
Conditions
MSL 4
72 hours
30 °C / 60 % RH
MSL 3
168 hours
30 °C / 60 % RH
MSL 2A
4 weeks
30 °C / 60 % RH
MSL 2
1 year
30 °C / 60 % RH
MSL 1
Unlimited
30 °C / 85 % RH
7.4
WLCSP Handling
Manual handling of WLCSP packages should be reduced to the absolute minimum. In cases where it
is still necessary, a vacuum pick-up tool should be used. In extreme cases plastic tweezers could be
used, but metal tweezers are not acceptable, since contact may easily damage the silicon chip.
Removal of a WLCSP package will cause damage to the solder balls. Therefore, a removed sample
cannot be reused.
WLCSP packages are sensitive to visible and infrared light. Precautions should be taken to properly
shield the chip in the final product.
7.5
Soldering Information
Refer to the IPC/JEDEC standard J-STD-020 for relevant soldering information. This document can
be downloaded from http://www.jedec.org.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com