Electronic Components Datasheet Search
  English  ▼

X  

DA7282 Datasheet(PDF) 60 Page - Dialog Semiconductor

Part # DA7282
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7282 Datasheet(HTML) 60 Page - Dialog Semiconductor

Back Button DA7282 Datasheet HTML 56Page - Dialog Semiconductor DA7282 Datasheet HTML 57Page - Dialog Semiconductor DA7282 Datasheet HTML 58Page - Dialog Semiconductor DA7282 Datasheet HTML 59Page - Dialog Semiconductor DA7282 Datasheet HTML 60Page - Dialog Semiconductor DA7282 Datasheet HTML 61Page - Dialog Semiconductor DA7282 Datasheet HTML 62Page - Dialog Semiconductor DA7282 Datasheet HTML 63Page - Dialog Semiconductor DA7282 Datasheet HTML 64Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 77 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple
Input Triggers and Integrated Waveform Memory
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
60 of 77
© 2019 Dialog Semiconductor
Table 29: FRQ_LRA_PER_L (0x000B)
Bit
Mode
Symbol
Description
Reset
[6:0]
RW
LRA_PER_L
Used for specifying the LRA drive frequency. LS-bits of the
initial LRA resonant frequency period.
������������_������������[14: 0] =
1
���������������������������� × 1333.32 × 10−9
������������_������������_����[7: 0]
=
������������_������������[14: 0] − ������������_������������_����[6: 0]
128
������������_������������_����[6: 0]
= ������������_������������[14: 0]
− 128 × ������������_������������_����[7: 0]
Where LRAfreq represents the LRA resonant frequency in
Hz as listed in the actuator datasheet. See Section 5.6.2.
Default corresponds to 174 Hz.
0x4F
Table 30: ACTUATOR1 (0x000C)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
ACTUATOR_NO
MMAX
Nominal actuator voltage rating, unsigned, see Section 5.6.2
Sets full-scale of unsigned haptic waveform when acceleration
enabled (ACCELERATION_EN = 1)
��������������������������������_������������������������ =
������������������������������������_������������������������
23.4 × 10−3
Default: 0x5A = 2.106 V
0x5A
Table 31: ACTUATOR2 (0x000D)
Bit
Mode
Symbol
Description
Reset
[7:0]
RW
ACTUATOR_ABS
MAX
Absolute actuator maximum voltage rating, see Section 5.6.2.
Overdrive is limited to this value when acceleration enabled
(ACCELERATION_EN = 1)
Sets full-scale of unsigned haptic waveform when acceleration
disabled
��������������������������������_������������������������ =
������������������������������������_������������������������
23.4 × 10−3
Default: 0x78 = 2.808 V
0x78
Table 32: ACTUATOR3 (0x000E)
Bit
Mode
Symbol
Description
Reset
[4:0]
RW
IMAX
Actuator max current rating
���������������� =
����max _��������������������������������_�������� − 28.6
7.2
where Imax_actuator_mA is the actuator max rated current in mA, as
listed in its datasheet, see Section 5.6.2.
Default: 0x17 = 194 mA
0x17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com