Electronic Components Datasheet Search
  English  ▼

X  

DA7283 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA7283
Description  Ultra-Low Power LRA Haptic Driver with Multiple Input Triggers and Software-Free Operation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7283 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA7283 Datasheet HTML 14Page - Dialog Semiconductor DA7283 Datasheet HTML 15Page - Dialog Semiconductor DA7283 Datasheet HTML 16Page - Dialog Semiconductor DA7283 Datasheet HTML 17Page - Dialog Semiconductor DA7283 Datasheet HTML 18Page - Dialog Semiconductor DA7283 Datasheet HTML 19Page - Dialog Semiconductor DA7283 Datasheet HTML 20Page - Dialog Semiconductor DA7283 Datasheet HTML 21Page - Dialog Semiconductor DA7283 Datasheet HTML 22Page - Dialog Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DA7283
Ultra-Low Power LRA Haptic Driver with Multiple Input
Triggers and Software-Free Operation
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
21 of 22
© 2019 Dialog Semiconductor
9
Layout Guidelines
For optimal layout, place the 100 nF capacitor C1 as close to the VDD and the GND_1 pins as
possible. It is also advisable to use solid a ground plane under the device.
The QFN can be routed out on a single layer. It is recommended to connect GND_1 and GND_2 to a
local ground plane on the top layer with a low-impedance via connection to the main ground plane,
see Figure 16.
VIA
VIA
VIA
VIA
VIA TO
VDD
LAYER
VIA TO GND LAYER
SOLID GND
CONNECTION
ON TOP LAYER
100 nF Capacitor
0201 (0603)
GPI_1
GPI_2
VDDIO/
EN
GPI_0
OUTN
GND_2
VDD
OUTP
GND_1
GND_3
GND_4
GND_5
Figure 15: WLCSP Example PCB Layout
VIA
VIA
VIAS TO
GND LAYER
SOLID GND
CONNECTION
ON TOP LAYER
100 nF Capacitor
0603 (1608)
VIA
VIA
nIRQ
SCL
SDA
VDDIO/EN
OUTN
GND_1
GND_2
OUTP
VDD
GPI_2
GPI_1
GPI_0
Figure 16: QFN Example PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com