Electronic Components Datasheet Search
  English  ▼

X  

DA7282-00FVC Datasheet(PDF) 16 Page - Dialog Semiconductor

Part # DA7282-00FVC
Description  LRA/ERM Ultra-Low Power Haptic Driver with Multiple Input Triggers and Integrated Waveform Memory
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA7282-00FVC Datasheet(HTML) 16 Page - Dialog Semiconductor

Back Button DA7282-00FVC Datasheet HTML 12Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 13Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 14Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 15Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 16Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 17Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 18Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 19Page - Dialog Semiconductor DA7282-00FVC Datasheet HTML 20Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 77 page
background image
DA7282
LRA/ERM Ultra-Low Power Haptic Driver with Multiple
Input Triggers and Integrated Waveform Memory
Datasheet
Revision 3.0
30-Jul-2019
CFR0011-120-00
16 of 77
© 2019 Dialog Semiconductor
resonance point and achieve the maximum possible actuator acceleration for a set input power, see
Section 5.3 and Section 5.7.1.
I2C and PWM Input Streaming
Haptic playback data can be streamed externally either via I2C direct register override or from a PWM
data source, see Section 5.2.2. The external input data PWM frequency is independent of the output
PWM signal frequency driven to the actuator. The input PWM signal is low-pass filtered to create a
varying DC level that is the envelope for the drive across the actuator.
Ultra-Low Power Consumption when Disabled
In the OFF state when VDDIO_EN = 0 V, DA7282 has an ultra-low current consumption from the power
supply, at typically 5 nA. This is the lowest power state of the device. In OFF state the device is fully
reset and register contents are lost, see Sections 5.2.1 and 5.7.19.
Low Latency I2C/GPI Wake-Up from IDLE State
The device supports low latency (0.75 ms) wake-up from IDLE state, which is the lowest power state
(typically 0.68 µA from VDD). Wake-up is triggered by either GPI or I2C activity. I2C is fully functional in
all modes including IDLE state and DA7282 retains register settings in all modes, see Section 5.2.1.
Three GPI Sequence Triggers for up to Six Independent Haptic Responses
DA7282 supports up to three GPI inputs which can be used to trigger low-latency playback of up to
six distinct sequences from IDLE state, see Section 5.2.7. Triggering is activated on events caused
by rising or falling edges, or both. The sequence playback is configurable and a GPI can be
associated with either one or two sequences. In the second case, odd events trigger one sequence,
while even events another.
On-Board Waveform Memory with Amplitude, Time, and Frequency Control
DA7282 contains 100 bytes of highly optimized on-board Waveform Memory for user programmable
haptic sequences, see Section 5.8. The Dialog Semiconductor specific format allows control of not
only amplitude and time, but also frequency during the playback of a haptic sequence. This is
specifically intended for use with wideband and dual mode actuators to create a richer user
experience.
Active Acceleration and Rapid Stop for High-Fidelity Haptic Feedback
By measuring and responding to the BEMF of the actuator, DA7282 supports Active Acceleration
which improves actuator response both when increasing and decreasing drive amplitude by
overdriving or underdriving relative to the desired drive level. Similarly, Rapid Stop minimizes the
time needed for the actuator to come to a complete stop by driving against the direction of actuator
movement. These two features enable a high-fidelity haptic response of the actuator and improve on
its inherent physical performance and mechanical time constant, see Section 5.4.
Continuous Actuator Diagnostics and Fault Handling
DA7282 monitors the actuator impedance at the start of each haptic sequence. The value of the
impedance can be read back from a dedicated register, see Section 5.7.3. In addition, impedance,
BEMF, and resonant frequency faults are flagged with automatic shutdown and notification via the
nIRQ pin, see Section 5.6.6.
No Software Requirements with Embedded Operation
The device can function in a stand-alone embedded operation where no host action is needed to
clear generated faults and the device will attempt to drive on each request. This also allows operation
in GPI trigger mode without the need for a host device or host communication, see Section 5.7.7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com