Electronic Components Datasheet Search
  English  ▼

X  

DA9066 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # DA9066
Description  System PMIC for Dual/Quad-Core Processors
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA9066 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button DA9066 Datasheet HTML 17Page - Dialog Semiconductor DA9066 Datasheet HTML 18Page - Dialog Semiconductor DA9066 Datasheet HTML 19Page - Dialog Semiconductor DA9066 Datasheet HTML 20Page - Dialog Semiconductor DA9066 Datasheet HTML 21Page - Dialog Semiconductor DA9066 Datasheet HTML 22Page - Dialog Semiconductor DA9066 Datasheet HTML 23Page - Dialog Semiconductor DA9066 Datasheet HTML 24Page - Dialog Semiconductor DA9066 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 255 page
background image
DA9066
System PMIC for Dual/Quad-Core Processors
Datasheet
Revision 2.0
28-Mar-2017
CFR0011-120-00
21 of 255
© 2017 Dialog Semiconductor
3
Recommended Operating Conditions
Table 4: Recommended Operating Conditions
Parameter
Description
Conditions (Note 1)
Min
Max
Unit
TA
Operating temperature
-30
+85
°C
VBAT
Supply voltage
0
4.4
V
VDDIO
Supply voltage IO
1.6
3.6
V
VTA
Max voltage TA pin
5.5
V
Note 1
All voltages are referenced to VSS unless otherwise stated. Currents flowing into DA9066 are deemed
positive, currents flowing out are deemed negative. Unless otherwise stated, all parameters are valid
over the recommended temperature range and power supply range. Please note that the power
dissipation must be limited to avoid overheating of DA9066. The maximum power dissipation should
not be reached at maximum ambient temperature.
3.1
Current Consumption
Table 5: Current Consumption
Operating Mode
Conditions (TA = 25 ºC) (Note 1)
Min
Typ
Max
Unit
RTC
No main battery. Supplied by BBAT
1.1
1.5
µA
NO-POWER
Voltage detection on VBAT < 2.5 V
15
20
µA
POWERDOWN
RTC unit on, all other blocks off
(Note 2). VBAT < 2.9 V
45
55
µA
SLEEP
4 x buck converters (PFM mode)
3 x LDOs (Sleep Mode)
RTC unit on
ACC_DETECT unit on
Clock module off (I
2C interface off)
170
(Note 3)
230
µA
ACTIVE
5 x buck converters (PFM mode)
8 x LDOs (ACTIVE mode)
RTC unit on
ACC_DETECT unit on
Clock module on (I
2C interface on)
4503
610
µA
Note 1
Temperature dependent leakages may result in increased current consumption at higher TA
Note 2
ACTIVE to POWER DOWN transition with PD_DIS = 0xFF
Note 3
Enabled bucks are set to FORCED Sleep mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com