Electronic Components Datasheet Search
  English  ▼

X  

ICS348RPT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS348RPT
Description  Quad PLL Field Programmable VersaClock Synthesizer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS348RPT Datasheet(HTML) 7 Page - Integrated Circuit Systems

  ICS348RPT Datasheet HTML 1Page - Integrated Circuit Systems ICS348RPT Datasheet HTML 2Page - Integrated Circuit Systems ICS348RPT Datasheet HTML 3Page - Integrated Circuit Systems ICS348RPT Datasheet HTML 4Page - Integrated Circuit Systems ICS348RPT Datasheet HTML 5Page - Integrated Circuit Systems ICS348RPT Datasheet HTML 6Page - Integrated Circuit Systems ICS348RPT Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Quad PLL Field Programmable VersaClock Synthesizer
MDS 348 H
7
Revision 051705
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICS348
Package Outline and Package Dimensions (20-pin SSOP, 150 Mil. Wide Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts that are ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS)
assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would
result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial
applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by ICS. ICS reserves the right to change any
circuitry or specifications without notice. ICS does not authorize or warrant any ICS product for use in life support devices or
critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS348RP
ICS348RP
Tubes
20-pin SSOP
0 to +70
° C
ICS348RPT
ICS348RP
Tape and Reel
20-pin SSOP
0 to +70
° C
ICS348RIP
ICS348RIP
Tubes
20-pin SSOP
-40 to +85
° C
ICS348RIPT
ICS348RIP
Tape and Reel
20-pin SSOP
-40 to +85
° C
ICS348RPLF
ICS348RLF
Tubes
20-pin SSOP
0 to +70
° C
ICS348RPLFT
ICS348RLF
Tape and Reel
20-pin SSOP
0 to +70
° C
ICS348RIPLF
ICS348RIPLF
Tubes
20-pin SSOP
-40 to +85
° C
ICS348RIPLFT
ICS348RIPLF
Tape and Reel
20-pin SSOP
-40 to +85
° C
INDEX
AREA
1 2
20
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
--
1.50
--
0.059
b
0.20
0.30
0.008
0.012
c
0.18
0.25
0.007
0.010
D
8.55
8.75
0.337
0.344
E
5.80
6.20
0.228
0.244
E1
3.80
4.00
0.150
0.157
e
.635 Basic
.025 Basic
L
0.40
1.27
0.016
0.050
α
0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com