Electronic Components Datasheet Search
  English  ▼

X  

MPC866PCZP100A Datasheet(PDF) 44 Page - NXP Semiconductors

Part # MPC866PCZP100A
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866PCZP100A Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button MPC866PCZP100A Datasheet HTML 40Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 41Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 42Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 43Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 44Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 45Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 46Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 47Page - NXP Semiconductors MPC866PCZP100A Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
44
Freescale Semiconductor
Bus Signal Timing
Table 14 shows the reset timing for the MPC866/859.
Table 14. Reset Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
R69
CLKOUT to HRESET high impedance
(MAX = 0.00 x B1 + 20.00)
—
20.00 —
20.00 —
20.00 —
20.00 ns
R70
CLKOUT to SRESET high impedance
(MAX = 0.00 x B1 + 20.00)
—
20.00 —
20.00 —
20.00 —
20.00 ns
R71
RSTCONF pulse width (MIN = 17.00 x
B1)
515.20 —
425.00 —
340.00 —
257.60 —
ns
R72
—
—
—
——
——
——
—
R73
Configuration data to HRESET rising
edge setup time (MIN = 15.00 x B1 +
50.00)
504.50 —
425.00 —
350.00 —
277.30 —
ns
R74
Configuration data to RSTCONF rising
edge setup time (MIN = 0.00 x B1 +
350.00)
350.00 —
350.00 —
350.00 —
350.00 —
ns
R75
Configuration data hold time after
RSTCONF negation (MIN = 0.00 x B1 +
0.00)
0.00
—
0.00
—
0.00
—
0.00
—
ns
R76
Configuration data hold time after
HRESET negation (MIN = 0.00 x B1 +
0.00)
0.00
—
0.00
—
0.00
—
0.00
—
ns
R77
HRESET and RSTCONF asserted to
data out drive (MAX = 0.00 x B1 +
25.00)
—
25.00 —
25.00 —
25.00 —
25.00 ns
R78
RSTCONF negated to data out high
impedance (MAX = 0.00 x B1 + 25.00)
—
25.00 —
25.00 —
25.00 —
25.00 ns
R79
CLKOUT of last rising edge before chip
three-states HRESET to data out high
impedance (MAX = 0.00 x B1 + 25.00)
—
25.00 —
25.00 —
25.00 —
25.00 ns
R80
DSDI, DSCK setup (MIN = 3.00 x B1)
90.90
—
75.00
—
60.00
—
45.50
—
ns
R81
DSDI, DSCK hold time (MIN = 0.00 x B1
+ 0.00)
0.00
—
0.00
—
0.00
—
0.00
—
ns
R82
SRESET negated to CLKOUT rising
edge for DSDI and DSCK sample (MIN
= 8.00 x B1)
242.40 —
200.00 —
160.00 —
121.20 —
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com