Electronic Components Datasheet Search
  English  ▼

X  

SFH2716A01 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH2716A01
Description  Ambient Light Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2716A01 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH2716A01 Datasheet HTML 1Page - OSRAM GmbH SFH2716A01 Datasheet HTML 2Page - OSRAM GmbH SFH2716A01 Datasheet HTML 3Page - OSRAM GmbH SFH2716A01 Datasheet HTML 4Page - OSRAM GmbH SFH2716A01 Datasheet HTML 5Page - OSRAM GmbH SFH2716A01 Datasheet HTML 6Page - OSRAM GmbH SFH2716A01 Datasheet HTML 7Page - OSRAM GmbH SFH2716A01 Datasheet HTML 8Page - OSRAM GmbH SFH2716A01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SFH 2716 A01
3 Version 1.6 | 2021-06-10
Characteristics
T
A = 25 °C
Parameter
Symbol
Values
Wavelength of max sensitivity
λ
S max
typ.
620 nm
Spectral range of sensitivity
λ
10%
typ.
350 ... 1000
nm
Radiant sensitive area
A
typ.
0.35 mm²
Dimensions of active chip area
L x W
typ.
0.59 x 0.59
mm x mm
Half angle
φ
typ.
60 °
Dark current
V
R = 5 V
I
R
typ.
max.
0.01 nA
5 nA
Capacitance
V
R = 0 V; f = 1 MHz; E = 0
C
0
typ.
28 pF
Relative Spectral Sensitivity 2), 3)
S
rel = f (λ)
400
600
800
1000
λ [ ]
0
20
40
60
80
100
[ ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com