Electronic Components Datasheet Search
  English  ▼

X  

SFH2770A01 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH2770A01
Description  Ambient Light Sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH2770A01 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH2770A01 Datasheet HTML 1Page - OSRAM GmbH SFH2770A01 Datasheet HTML 2Page - OSRAM GmbH SFH2770A01 Datasheet HTML 3Page - OSRAM GmbH SFH2770A01 Datasheet HTML 4Page - OSRAM GmbH SFH2770A01 Datasheet HTML 5Page - OSRAM GmbH SFH2770A01 Datasheet HTML 6Page - OSRAM GmbH SFH2770A01 Datasheet HTML 7Page - OSRAM GmbH SFH2770A01 Datasheet HTML 8Page - OSRAM GmbH SFH2770A01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
SFH 2770 A01
5 Version 1.0 | 2021-07-06
Photocurrent 2), 3)
I
P = f (Ee); λ = 560 nm; VR = 1 V
0.005 0.01
0.05 0.1
0.5
[
]
0.005
0.01
0.05
0.1
[µ ]
Dark Current 2), 3)
I
R = f (VR); E = 0
0.0
0.5
1.0
1.5
2.0
[ ]
0
2
4
6
8
[ ]
Capacitance 2), 3)
C = f (V
R); f = 1MHz; E = 0
0.1
0.5
1
[ ]
0
10
20
30
40
[ ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com