Electronic Components Datasheet Search
  English  ▼

X  

VN1206 Datasheet(PDF) 2 Page - Microchip Technology

Part # VN1206
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VN1206 Datasheet(HTML) 2 Page - Microchip Technology

  VN1206 Datasheet HTML 1Page - Microchip Technology VN1206 Datasheet HTML 2Page - Microchip Technology VN1206 Datasheet HTML 3Page - Microchip Technology VN1206 Datasheet HTML 4Page - Microchip Technology VN1206 Datasheet HTML 5Page - Microchip Technology VN1206 Datasheet HTML 6Page - Microchip Technology VN1206 Datasheet HTML 7Page - Microchip Technology VN1206 Datasheet HTML 8Page - Microchip Technology VN1206 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
VN1206
DS20005986A-page 2
2021 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Drain-to-Source Voltage ...................................................................................................................................... BVDSS
Drain-to-Gate Voltage ......................................................................................................................................... BVDGS
Gate-to-Source Voltage ......................................................................................................................................... ±30V
Operating Ambient Temperature, TA ................................................................................................... –55°C to +150°C
Storage Temperature, TS ..................................................................................................................... –55°C to +150°C
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only, and functional operation of the device at those or any other conditions above those
indicated in the operational sections of this specification is not intended. Exposure to maximum rating conditions for
extended periods may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. All DC parameters are 100% tested at 25°C unless
otherwise stated. Pulse test: 300 µs pulse, 2% duty cycle
Parameter
Sym.
Min. Typ. Max. Unit
Conditions
Drain-to-Source Breakdown Voltage
BVDSS
120
—
—
V
VGS = 0V, ID = 100 µA
Gate Threshold Voltage
VGS(th)
0.8
—
2
V
VGS = VDS, ID = 1 mA
Gate Body Leakage Current
IGSS
—
—
100
nA
VGS = ±15V, VDS = 0V
Zero-Gate Voltage Drain Current
IDSS
—
—
10
µA
VGS = 0V,
VDS = Maximum rating
—
—
500
µA
VDS = 0.8 Maximum rating,
VGS = 0V, TA = 125°C
(
Note 1)
On-State Drain Current
ID(ON)
1
—
—
A
VGS = 10V, VDS = 10V
Static Drain-to-Source On-State Resistance
RDS(ON)
—
—
10
Ω
VGS = 2.5V, ID = 100 mA
—
—
6
Ω
VGS = 10V, ID = 500 mA
Note 1: Specification is obtained by characterization and is not 100% tested.
AC ELECTRICAL CHARACTERISTICS
Electrical Specifications: TA = 25°C unless otherwise specified. All AC Parameters are not 100% sample tested.
Parameter
Sym. Min. Typ. Max. Unit
Conditions
Forward Transconductance
GFS 300
—
— mmho VDS = 10V, ID = 500 mA
Input Capacitance
CISS
—
—
125
pF
VGS = 0V,
VDS = 25V,
f = 1 MHz
Common Source Output Capacitance
COSS —
—
50
pF
Reverse Transfer Capacitance
CRSS —
—
20
pF
Turn-On Delay Time
td(ON) —
—
8
ns
VDD = 60V,
ID = 400 mA,
RGEN = 25Ω
Rise Time
tr
—
—
8
ns
Turn-Off Delay Time
td(OFF) —
—
18
ns
Fall Time
tf
—
—
12
ns
DIODE PARAMETER
Diode Forward Voltage Drop
VSD
—
1.2
—
V
VGS = 0V, ISD = 250 mA (Note 1)
Note 1: Unless otherwise stated, all DC parameters are 100% tested at 25°C. Pulse test: 300 µs pulse, 2% duty
cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com